Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A23157-Q1 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części TS5A23157-Q1
Szczegółowy opis  DUAL 15-廓 SPDT ANALOG SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A23157-Q1 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TS5A23157-Q1_15 Datasheet HTML 5Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 6Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 7Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 8Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 9Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 10Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 11Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 12Page - Texas Instruments TS5A23157-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TS5A23157-Q1
www.ti.com
SCDS252A – JULY 2007 – REVISED FEBRUARY 2013
PIN DESCRIPTION
NAME
PIN NO.
DESCRIPTION
COM1
10
Common
COM2
6
Common
GND
3
Digital ground
IN1
1
Digital control to connect COM to NO or NC
IN2
5
Digital control to connect COM to NO or NC
NC1
9
Normally closed
NC2
7
Normally closed
NO1
2
Normally open
NO2
4
Normally open
V+
8
Power supply
PARAMETER DESCRIPTION
SYMBOL
DESCRIPTION
VCOM
Voltage at COM
VNC
Voltage at NC
VNO
Voltage at NO
ron
Resistance between COM and NC or COM and NO ports when the channel is ON
Δron
Difference of ron between channels
ron(flat)
Difference between the maximum and minimum value of ron in a channel over the specified range of conditions
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the OFF state under worst-
INC(OFF)
case input and output conditions
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the OFF state under worst-
INO(OFF)
case input and output conditions
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the ON state and the output
INC(ON)
(COM) being open
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the ON state and the output
INO(ON)
(COM) being open
Leakage current measured at the COM port, with the corresponding channel (NO to COM or NC to COM) in the ON state
ICOM(ON)
and the output (NC or NO) being open
VIH
Minimum input voltage for logic high for the control input (IN)
VIL
Minimum input voltage for logic low for the control input (IN)
VIN
Voltage at IN
IIH, IIL
Leakage current measured at IN
Turnon time for the switch. Measure this parameter under the specified range of conditions and by the propagation delay
tON
between the digital control (IN) signal and analog output (COM/NC/NO) signal when the switch is turning ON.
Turnoff time for the switch. Measure this parameter under the specified range of conditions and by the propagation delay
tOFF
between the digital control (IN) signal and analog output (COM/NC/NO) signal when the switch is turning OFF.
Break-before-make time. Measure this parameter under the specified range of conditions and by the propagation delay
tBBM
between the output of two adjacent analog channels (NC and NO) when the control signal changes state.
Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (NC, NO, or
QC
COM) output. This measure is in coulombs (C) and is the total charge induced due to switching of the control input.
Charge injection, QC = CL× ΔVO, CL is the load capacitance and ΔVO is the change in analog output voltage.
CNC(OFF)
Capacitance at the NC port when the corresponding channel (NC to COM) is OFF
CNO(OFF)
Capacitance at the NO port when the corresponding channel (NC to COM) is OFF
CNC(ON)
Capacitance at the NC port when the corresponding channel (NC to COM) is ON
CNO(ON)
Capacitance at the NO port when the corresponding channel (NC to COM) is ON
CCOM(ON)
Capacitance at the COM port when the corresponding channel (COM to NC or COM to NO) is ON
CIN
Capacitance of IN
OFF isolation of the switch is a measurement of OFF-state switch impedance. This measure is in dB at a specific
OISO
frequency, with the corresponding channel (NC to COM or NO to COM) in the OFF state. OFF isolation, OISO = 20 LOG
(VNC/VCOM) dB, VCOM is the input and VNC is the output.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TS5A23157-Q1


Podobny numer części - TS5A23157-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results

Podobny opis - TS5A23157-Q1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
PA2535 PROTEC-PA2535 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223_14 Datasheet
872Kb / 15P
[Old version datasheet]   0.45廓 Dual SPDT Bidirectional Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com