Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX55-C8V2 Arkusz danych(PDF) 3 Page - Micro Commercial Components

Numer części BZX55-C8V2
Szczegółowy opis  500 mWatt Zener Diode 2.42 to 47 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZX55-C8V2 Arkusz danych(HTML) 3 Page - Micro Commercial Components

  BZX55-C8V2 Datasheet HTML 1Page - Micro Commercial Components BZX55-C8V2 Datasheet HTML 2Page - Micro Commercial Components BZX55-C8V2 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
www.mccsemi.com
BZX55-C2V4 thru BZX55-C47


Podobny numer części - BZX55-C8V2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
BZX55-C8V2 GE-BZX55-C8V2 Datasheet
298Kb / 6P
   ZENER DIODES
logo
Pan Jit International I...
BZX55-C8V2 PANJIT-BZX55-C8V2 Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX55-C8V2 TSC-BZX55-C8V2 Datasheet
73Kb / 3P
   500mW Zener Diode
logo
GOOD-ARK Electronics
BZX55-C8V2 GOOD-ARK-BZX55-C8V2 Datasheet
316Kb / 7P
   Zener Diodes
logo
New Jersey Semi-Conduct...
BZX55-C8V2 NJSEMI-BZX55-C8V2 Datasheet
178Kb / 2P
   ZENER DIODES
More results

Podobny opis - BZX55-C8V2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
BZX55C2V0 MCC-BZX55C2V0 Datasheet
207Kb / 4P
   500 mWatt Zener Diode 2.0V to 100 Volts
logo
Tiger Electronic Co.,Lt...
DL5221 TGS-DL5221 Datasheet
421Kb / 2P
   500 mW Zener Diode 2.4 to 47 Volts
logo
Shanghai Lunsure Electr...
DL5221 CHENYI-DL5221 Datasheet
858Kb / 2P
   500mw zener diode 2.4 to 47 volts
logo
Micro Commercial Compon...
BZX84B4V3HE3 MCC-BZX84B4V3HE3 Datasheet
520Kb / 4P
   350 mWatt Zener Diodes 2.4 to 36 Volts
Rev.3-3-10282020
logo
Rectron Semiconductor
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
H11-A3 MCC-H11-A3 Datasheet
465Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
LSH2A3 MCC-LSH2A3 Datasheet
390Kb / 5P
   500 mW Zener Diode 1.9 to 37.2 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com