Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SAW8LA0A Arkusz danych(PDF) 7 Page - Seoul Semiconductor

Numer części SAW8LA0A
Szczegółowy opis  Superior high Flux for High Voltage System
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEOUL [Seoul Semiconductor]
Strona internetowa  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8LA0A Arkusz danych(HTML) 7 Page - Seoul Semiconductor

Back Button SAW8LA0A Datasheet HTML 3Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 4Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 5Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 6Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 7Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 8Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 9Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 10Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8LA0A - Acrich MJT 5050
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
7
Rev1.2, Sep 24, 2015
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Characteristics Graph
25
50
75
100
125
-14
-12
-10
-8
-6
-4
-2
0
Junction Temperature [
oC]
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
Junction Temperature [
oC]
Fig 6. Junction Temperature vs. Relative Light Output, I
F=40mA
Fig 7. Junction Temperature vs. Relative Forward Voltage, I
F=40mA


Podobny numer części - SAW8LA0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
SAW8LH0A SEOUL-SAW8LH0A Datasheet
890Kb / 23P
   Superior high Flux for High Current System
More results

Podobny opis - SAW8LA0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW8KG0B SEOUL-SAW8KG0B Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAWX9D0A SEOUL-SAWX9D0A Datasheet
708Kb / 20P
   Superior high Flux for High Voltage System
SAW9KG0B SEOUL-SAW9KG0B Datasheet
1Mb / 23P
   Superior high Flux for High Voltage System
SAW8FS72A SEOUL-SAW8FS72A Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com