Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA2284G-G09-T Arkusz danych(PDF) 4 Page - Unisonic Technologies

Numer części LA2284G-G09-T
Szczegółowy opis  5-DOT DUAL LED LEVEL METER DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LA2284G-G09-T Arkusz danych(HTML) 4 Page - Unisonic Technologies

  LA2284G-G09-T Datasheet HTML 1Page - Unisonic Technologies LA2284G-G09-T Datasheet HTML 2Page - Unisonic Technologies LA2284G-G09-T Datasheet HTML 3Page - Unisonic Technologies LA2284G-G09-T Datasheet HTML 4Page - Unisonic Technologies LA2284G-G09-T Datasheet HTML 5Page - Unisonic Technologies LA2284G-G09-T Datasheet HTML 6Page - Unisonic Technologies LA2284G-G09-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LA2284/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R121-002.D
ABSOLUTE MAXIMUM RATINGS (T
A=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
18
V
Amplifier input Voltage
V8
-0.5 ~ VCC
V
Pin 7 Voltage
V7
6
V
D terminal Output Voltage
VD
18
V
Power Dissipation
PD
1100
W
Operating Temperature
TOPR
-20 ~ +80
C
Storage Temperature
TSTG
-40 ~ +125
C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25C, VCC=6V, f=1kHz, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
LA2284
VCC
3.5
6.0
16.0
V
LA2284A
3.0
6.0
16.0
V
Supply Current
ICC
VIN=0
5
8
mA
Sensitivity
VIN
In VC3 Level
46
56
66
mV
Comparator ON Level 1
VC1
-11.5
-10.0
-8.5
dB
Comparator ON Level 2
VC2
-6
-5
-4
dB
Comparator ON Level 3
VC3
0
dB
Comparator ON Level 4
VC4
2.5
3.0
3.5
dB
Comparator ON Level 5
VC5
5
6
7
dB
LED Output Current
IO(LED)
16.5
22
mA
Amp Gain
GV
VIN=0.1V
24
26
28
dB
Input Bias Current
II(BIAS)
-1.0
-0.3
A


Podobny numer części - LA2284G-G09-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
LA2284G-G09-T UTC-LA2284G-G09-T Datasheet
176Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
LA2284G-G09-T UTC-LA2284G-G09-T Datasheet
175Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
More results

Podobny opis - LA2284G-G09-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
LA2284 UTC-LA2284 Datasheet
114Kb / 4P
   5-DOT DUAL LED LEVEL METER DRIVER
logo
Powertip Technology
KA2281 POWERTIP-KA2281 Datasheet
121Kb / 3P
   5-DOT DUAL LED LEVEL METER DRIVER
logo
Samsung semiconductor
KA2281 SAMSUNG-KA2281 Datasheet
123Kb / 3P
   5-Dot Dual Led Level Meter Driver
logo
Unisonic Technologies
LA2284 UTC-LA2284_11 Datasheet
176Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
LA2284 UTC-LA2284_05 Datasheet
142Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
LA2284 UTC-LA2284_17 Datasheet
175Kb / 5P
   5-DOT DUAL LED LEVEL METER DRIVER
logo
Samsung semiconductor
KA2284 SAMSUNG-KA2284 Datasheet
98Kb / 4P
   5 DOT LED LEVEL METER DRIVER
S1A2284A01 SAMSUNG-S1A2284A01 Datasheet
42Kb / 4P
   5 DOT LED LEVEL METER DRIVER
KA2287 SAMSUNG-KA2287 Datasheet
114Kb / 3P
   5 DOT LED LINEAR LEVEL METER DRIVER
logo
Unisonic Technologies
A6966 UTC-A6966_15 Datasheet
169Kb / 4P
   5 DOT LED LEVEL METER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com