Zakładka z wyszukiwarką danych komponentów |
|
ISL2100AABZ Arkusz danych(PDF) 1 Page - Intersil Corporation |
|
ISL2100AABZ Arkusz danych(HTML) 1 Page - Intersil Corporation |
1 / 11 page 1 ® CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2008, 2009, 2010. All Rights Reserved All other trademarks mentioned are the property of their respective owners. ISL2100A, ISL2101A 100V, 2A Peak, High Frequency Half-Bridge Drivers The ISL2100A, ISL2101A are 100V, high frequency, half-bridge N-channel power MOSFET driver ICs. They are based on the popular HIP2100, HIP2101 half-bridge drivers, but offer several performance improvements. The ISL2100A has additional input hysteresis for superior operation in noisy environments and the inputs of the ISL2101A, like those of the ISL2100A, can now safely swing to the VDD supply rail. Finally, both parts are available in a very compact 9 Ld DFN package to minimize the required PCB footprint Features • Drives N-Channel MOSFET Half-Bridge • Space-Saving DFN Package • DFN Package Compliant with 100V Conductor Spacing Guidelines per IPC-2221 • Pb-Free (RoHS compliant) • Bootstrap Supply Max Voltage to 114VDC • On-Chip 1 Ω Bootstrap Diode • Fast Propagation Times for Multi-MHz Circuits • Drives 1nF Load with Typical Rise/Fall Times of 10ns • CMOS Compatible Input Thresholds (ISL2100A) • 3.3V/TTL Compatible Input Thresholds (ISL2101A) • Independent Inputs Provide Flexibility • No Start-Up Problems • Outputs Unaffected by Supply Glitches, HS Ringing Below Ground or HS Slewing at High dv/dt • Low Power Consumption • Wide Supply Voltage Range (9V to 14V) • Supply Undervoltage Protection •2.5 Ω Typical Output Pull-Up/Pull-Down Resistance Applications • Telecom Half-Bridge Converters • Telecom Full-Bridge Converters • Two-Switch Forward Converters • Active-Clamp Forward Converters • Class-D Audio Amplifiers Ordering Information PART NUMBER (Note) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL2100AAR3Z* 00AZ -40 to +125 9 Ld 3x3 DFN L9.3x3 ISL2101AAR3Z* 01AZ -40 to +125 9 Ld 3x3 DFN L9.3x3 ISL2100AABZ* 001ABZ -40 to +125 8 Ld SOIC M18.15 ISL2101AABZ* 01ABZ -40 to +125 8 Ld SOIC M18.15 *Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. Pinouts ISL2100A, ISL2101A (9 LD DFN) TOP VIEW ISL2100A, ISL2101A (8 LD SOIC) TOP VIEW NOTE: EPAD = Exposed PAD. 2 3 1 4 8 7 6 9 5 VDD HB HO HS LO VSS LI HI NC EPAD 5 6 8 7 4 3 2 1 VDD HB HO HS LO LI HI VSS Data Sheet May 6, 2010 FN6294.3 |
Podobny numer części - ISL2100AABZ |
|
Podobny opis - ISL2100AABZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |