Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6322CRZ Arkusz danych(PDF) 29 Page - Intersil Corporation

Numer części ISL6322CRZ
Szczegółowy opis  Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6322CRZ Arkusz danych(HTML) 29 Page - Intersil Corporation

Back Button ISL6322CRZ Datasheet HTML 25Page - Intersil Corporation ISL6322CRZ Datasheet HTML 26Page - Intersil Corporation ISL6322CRZ Datasheet HTML 27Page - Intersil Corporation ISL6322CRZ Datasheet HTML 28Page - Intersil Corporation ISL6322CRZ Datasheet HTML 29Page - Intersil Corporation ISL6322CRZ Datasheet HTML 30Page - Intersil Corporation ISL6322CRZ Datasheet HTML 31Page - Intersil Corporation ISL6322CRZ Datasheet HTML 32Page - Intersil Corporation ISL6322CRZ Datasheet HTML 33Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
29
FN6328.2
August 2, 2007
I2C Read and Write Protocol
Reading from the Internal Registers
The ISL6322 has the ability to read from both registers
separately or read from them consecutively. Prior to reading
from an internal register, the master must first select the
desired register by writing to it and sending the register’s
address byte. This process begins by the master sending a
control byte with the R/W bit set to 0, indicating a write. Once
it receives an Acknowledge from the ISL6322, it sends a
register address byte representing the internal register it
wants to read from (0000_0000 for RGS1 or 0000_0001 for
RGS2). The ISL6322 will respond with an Acknowledge. The
master must then respond with a Stop condition. After the
Stop condition, the master follows with a new Start condition,
and then sends a new control byte with the R/W bit set to 1,
indicating a read. The ISL6322 will then respond by sending
the master an Acknowledge, followed by the data byte
stored in that register. The master must then send a Not
Acknowledge followed by a Stop command, which will
complete the read transaction.
It is also possible for both registers to be read consecutively.
To do this the master must read from register RGS1 first.
This transaction begins with the master sending a control
byte with the R/W bit set to 0. If it receives an Acknowledge
from the ISL6322, it sends the register address byte
0000_0000, representing the internal register RGS1. The
ISL6322 will respond with an Acknowledge. The master
must then respond with a Stop condition. After the Stop
condition the master follows with a new Start condition, and
then sends a new control byte with the R/W bit set to 1,
indicating a read. The ISL6322 will then respond by sending
the master an Acknowledge, followed by the data byte
stored in register RGS. The master must then send an
Acknowledge, and after doing so, the ISL6322 will respond
by sending the data byte stored in register RGS2. The
master must then send a Not Acknowledge followed by a
Stop command, which will complete the read transaction.
Resetting the Internal Registers
The ISL6322’s two internal I2C registers always initialize to
0000_0000 when the controller first receives power. Once
the voltage on the VCC pin rises above the POR rising
threshold level, these registers can be changed at any time
via the I2C interface. If the voltage on the VCC pin falls
below the POR falling threshold, the internal registers are
automatically reset to 0000_0000.
It is possible to reset the internal registers without powering
down the controller and without requiring the controller to
stop regulating and soft-start again. This can be done by one
of two methods. The first method is to simply write to the
internal registers over the I2C interface to be 0000_0000.
The other method is pull the voltage on the SS/RST/A0 pin
down below 0.4V. This will immediately reset the internal
registers to 0000_0000 and will not stop the controller from
regulating the output voltage or cause soft-start to recycle.
S
slave_addr + W
A
reg_addr
A
reg_data
A
P
S
slave_addr + W
A
A
A
S
A
N
Write to a Single Register
Write to Both Registers
Read from a Single Register
Driven by Master
Driven by ISL6322
0000_0000
reg_RGS1_data
reg_RGS2_data
A
P
reg_addr
A
P
S
slave_addr + W
slave_addr + R
A
reg_data
P
S
A
Read from Both Registers
0000_0000
A
P
S
slave_addr + W
slave_addr + R
A
reg_RGS1_data
A
reg_RGS2_data
N
P
S = START Condition
A = Acknowledge
P = STOP Condition
N = No Acknowledge
TABLE 8. REGISTER RGS1 (VOLTAGE MARGINING OFFSET)
BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0
Voffset
(mV)
X
X
VO5
VO4
VO3
VO2
VO1
VO0
xx
0
0
0
0
0
00.0
xx
0
0
0
0
0
1
12.5
xx
0
0
0
0
1
0
25.0
xx
0
0
0
0
1
1
37.5
xx
0
0
0
1
0
0
50.00
xx
0
0
0
1
0
1
62.5
xx
0
0
0
1
1
0
75.0
xx
0
0
0
1
1
1
87.5
xx
0
0
1
0
0
0
100.0
xx
0
0
1
0
0
1
112.5
ISL6322


Podobny numer części - ISL6322CRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322CRZ RENESAS-ISL6322CRZ Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Intersil Corporation
ISL6322CRZ-T INTERSIL-ISL6322CRZ-T Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
More results

Podobny opis - ISL6322CRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322 INTERSIL-ISL6322 Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322 RENESAS-ISL6322 Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com