Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6322CRZ Arkusz danych(PDF) 35 Page - Intersil Corporation

Numer części ISL6322CRZ
Szczegółowy opis  Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6322CRZ Arkusz danych(HTML) 35 Page - Intersil Corporation

Back Button ISL6322CRZ Datasheet HTML 31Page - Intersil Corporation ISL6322CRZ Datasheet HTML 32Page - Intersil Corporation ISL6322CRZ Datasheet HTML 33Page - Intersil Corporation ISL6322CRZ Datasheet HTML 34Page - Intersil Corporation ISL6322CRZ Datasheet HTML 35Page - Intersil Corporation ISL6322CRZ Datasheet HTML 36Page - Intersil Corporation ISL6322CRZ Datasheet HTML 37Page - Intersil Corporation ISL6322CRZ Datasheet HTML 38Page - Intersil Corporation ISL6322CRZ Datasheet HTML 39Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
35
FN6328.2
August 2, 2007
“Compensation with Load-line Regulation” on page 35 and
“Compensation without Load-line Regulation” on page 36.
COMPENSATION WITH LOAD-LINE REGULATION
The load-line regulated converter behaves in a similar
manner to a peak current mode controller because the two
poles at the output filter L-C resonant frequency split with the
introduction of current information into the control loop. The
final location of these poles is determined by the system
function, the gain of the current signal, and the value of the
compensation components, RC and CC.
Since the system poles and zero are affected by the values
of the components that are meant to compensate them, the
solution to the system equation becomes fairly complicated.
Fortunately, there is a simple approximation that comes very
close to an optimal solution. Treating the system as though it
were a voltage-mode regulator, by compensating the L-C
poles and the ESR zero of the voltage mode approximation,
yields a solution that is always stable with very close to ideal
transient performance.
Select a target bandwidth for the compensated system, f0.
The target bandwidth must be large enough to assure
adequate transient performance, but smaller than 1/3 of the
per-channel switching frequency. The values of the
compensation components depend on the relationships of f0
to the L-C pole frequency and the ESR zero frequency. For
each of the following three, there is a separate set of
equations for the compensation components.
In Equation 41:
- L is the per-channel filter inductance divided by the
number of active channels,
- C is the sum total of all output capacitors,
- ESR is the equivalent series resistance of the bulk output
filter capacitance, and
-VPP is the peak-to-peak sawtooth signal amplitude as
described in the “Electrical Specifications” on page 7.
Once selected, the compensation values in Equation 41
assure a stable converter with reasonable transient
performance. In most cases, transient performance can be
improved by making adjustments to RC. Slowly increase the
value of RC while observing the transient performance on an
oscilloscope until no further improvement is noted. Normally,
CC will not need adjustment. Keep the value of CC from the
case equations in Equation 41 unless some performance
issue is noted.
The optional capacitor C2, is sometimes needed to bypass
noise away from the PWM comparator (see Figure 23). Keep
a position available for C2, and be prepared to install a
high-frequency capacitor of between 22pF and 150pF in
case any leading edge jitter problem is noted.
FIGURE 23. COMPENSATION CONFIGURATION FOR
LOAD-LINE REGULATED ISL6322 CIRCUIT
ISL6322
COMP
CC
RC
RFB
FB
VDIFF
C2 (OPTIONAL)
IDROOP
1
2
π
LC
⋅⋅
--------------------------------f
0
>
R
C
R
FB
2
π f
0 Vpp
LC
⋅⋅
0.66 V
IN
--------------------------------------------------------
=
C
C
0.66 V
IN
2
π V
PP RFB f0
⋅⋅
----------------------------------------------------
=
Case 1:
1
2
π
LC
⋅⋅
--------------------------------
f
0
1
2
π C ESR
⋅⋅ ⋅
-------------------------------------
<
R
C
R
FB
V
PP
2
π
()
2
f
0
2
LC
⋅⋅ ⋅
0.66
V
IN
-----------------------------------------------------------------
=
C
C
0.66 V
IN
2
π
()2 f
0
2
V
PP RFB
LC
⋅⋅
-------------------------------------------------------------------------------------
=
Case 2:
(EQ. 41)
f
0
1
2
π C ESR
⋅⋅ ⋅
-------------------------------------
>
R
C
R
FB
2
π f
0 Vpp L
⋅⋅
0.66
V
IN ESR
⋅⋅
---------------------------------------------
=
C
C
0.66 V
IN ESR
C
⋅⋅
2
π V
PP RFB f0
L
⋅⋅
----------------------------------------------------------------
=
Case 3:
ISL6322


Podobny numer części - ISL6322CRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322CRZ RENESAS-ISL6322CRZ Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Intersil Corporation
ISL6322CRZ-T INTERSIL-ISL6322CRZ-T Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
More results

Podobny opis - ISL6322CRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322 INTERSIL-ISL6322 Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322 RENESAS-ISL6322 Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com