Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL6322CRZ Arkusz danych(PDF) 37 Page - Intersil Corporation

Numer części ISL6322CRZ
Szczegółowy opis  Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6322CRZ Arkusz danych(HTML) 37 Page - Intersil Corporation

Back Button ISL6322CRZ Datasheet HTML 33Page - Intersil Corporation ISL6322CRZ Datasheet HTML 34Page - Intersil Corporation ISL6322CRZ Datasheet HTML 35Page - Intersil Corporation ISL6322CRZ Datasheet HTML 36Page - Intersil Corporation ISL6322CRZ Datasheet HTML 37Page - Intersil Corporation ISL6322CRZ Datasheet HTML 38Page - Intersil Corporation ISL6322CRZ Datasheet HTML 39Page - Intersil Corporation ISL6322CRZ Datasheet HTML 40Page - Intersil Corporation ISL6322CRZ Datasheet HTML 41Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
37
FN6328.2
August 2, 2007
The ESR of the bulk capacitors also creates the majority of
the output-voltage ripple. As the bulk capacitors sink and
source the inductor ac ripple current (see “Interleaving” on
page 11 and Equation 2), a voltage develops across the bulk
capacitor ESR equal to IC(P-) (ESR). Thus, once the output
capacitors are selected, the maximum allowable ripple
voltage, V(P-P)(MAX), determines the lower limit on the
inductance.
Since the capacitors are supplying a decreasing portion of
the load current while the regulator recovers from the
transient, the capacitor voltage becomes slightly depleted.
The output inductors must be capable of assuming the entire
load current before the output voltage decreases more than
ΔV
MAX. This places an upper limit on inductance.
Equation 45 gives the upper limit on L for the cases when
the trailing edge of the current transient causes a greater
output-voltage deviation than the leading edge. Equation 46
addresses the leading edge. Normally, the trailing edge
dictates the selection of L because duty cycles are usually
less than 50%. Nevertheless, both inequalities should be
evaluated, and L should be selected based on the lower of
the two results. In each equation:
L is the per-channel inductance,
C is the total output capacitance, and
N is the number of active channels.
Switching Frequency
There are a number of variables to consider when choosing
the switching frequency, as there are considerable effects on
the upper MOSFET loss calculation. These effects are
outlined in “MOSFETs” on page 31, and they establish the
upper limit for the switching frequency. The lower limit is
established by the requirement for fast transient response
and small output-voltage ripple as outlined in “Compensation
without Load-line Regulation” on page 36. Choose the
lowest switching frequency that allows the regulator to meet
the transient-response requirements.
Switching frequency is determined by the selection of the
frequency-setting resistor, RT. Figure 25 and Equation 47
are provided to assist in selecting the correct value for RT.
Input Capacitor Selection
The input capacitors are responsible for sourcing the ac
component of the input current flowing into the upper
MOSFETs. Their RMS current capacity must be sufficient to
handle the ac component of the current drawn by the upper
MOSFETs which is related to duty cycle and the number of
active phases.
For a four-phase design, use Figure 26 to determine the
input-capacitor RMS current requirement set by the duty
cycle, maximum sustained output current (IO), and the ratio
of the peak-to-peak inductor current (IL(P-P)) to IO. Select a
bulk capacitor with a ripple current rating that will minimize
the total number of input capacitors required to support the
RMS current calculated.
The voltage rating of the capacitors should also be at least
1.25 times greater than the maximum input voltage.
Figures 27 and 28 provide the same input RMS current
information for three-phase and two-phase designs
respectively. Use the same approach for selecting the bulk
capacitor type and number.
L
ESR
V
IN
NV
OUT
⎝⎠
⎛⎞ V
OUT
f
S VIN V PP
() MAX
()
⋅⋅
--------------------------------------------------------------------
(EQ. 44)
L
2NCVO
⋅⋅⋅
ΔI
()2
---------------------------------
ΔV
MAX
ΔIESR
()
(EQ. 45)
L
1.25 NC
⋅⋅
ΔI
()2
-----------------------------
ΔV
MAX
ΔI ESR
()
V
IN
V
O
⎝⎠
⎛⎞
⋅⋅
(EQ. 46)
R
T
10
10.61
1.035
fS
()
log
()
[]
=
(EQ. 47)
FIGURE 25. RT vs SWITCHING FREQUENCY
SWITCHING FREQUENCY (Hz)
10
100
1000
10k
100k
1000k
10000k
FIGURE 26. NORMALIZED INPUT-CAPACITOR RMS CURRENT
vs DUTY CYCLE FOR 4-PHASE CONVERTER
00.4
1.0
0.2
0.6
0.8
DUTY CYCLE (VO/VIN)
0.3
0.1
0
0.2
IL(P-P) = 0
IL(P-P) = 0.25 IO
IL(P-P) = 0.5 IO
IL(P-P) = 0.75 IO
ISL6322


Podobny numer części - ISL6322CRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322CRZ RENESAS-ISL6322CRZ Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Intersil Corporation
ISL6322CRZ-T INTERSIL-ISL6322CRZ-T Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
More results

Podobny opis - ISL6322CRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322 INTERSIL-ISL6322 Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322 RENESAS-ISL6322 Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com