Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM137_15 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LM137_15
Szczegółowy opis  LM137/LM337-N 3-Terminal Adjustable Negative Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM137_15 Arkusz danych(HTML) 5 Page - Texas Instruments

  LM137_15_15 Datasheet HTML 1Page - Texas Instruments LM137_15_15 Datasheet HTML 2Page - Texas Instruments LM137_15_15 Datasheet HTML 3Page - Texas Instruments LM137_15_15 Datasheet HTML 4Page - Texas Instruments LM137_15_15 Datasheet HTML 5Page - Texas Instruments LM137_15_15 Datasheet HTML 6Page - Texas Instruments LM137_15_15 Datasheet HTML 7Page - Texas Instruments LM137_15_15 Datasheet HTML 8Page - Texas Instruments LM137_15_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM137, LM337-N
www.ti.com
SNVS778D – MAY 1999 – REVISED APRIL 2013
SCHEMATIC DIAGRAM
Thermal Regulation
When power is dissipated in an IC, a temperature gradient occurs across the IC chip affecting the individual IC
circuit components. With an IC regulator, this gradient can be especially severe since power dissipation is large.
Thermal regulation is the effect of these temperature gradients on output voltage (in percentage output change)
per Watt of power change in a specified time. Thermal regulation error is independent of electrical regulation or
temperature coefficient, and occurs within 5 ms to 50 ms after a change in power dissipation. Thermal regulation
depends on IC layout as well as electrical design. The thermal regulation of a voltage regulator is defined as the
percentage change of VOUT, per Watt, within the first 10 ms after a step of power is applied. The LM137's
specification is 0.02%/W, max.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM137 LM337-N


Podobny numer części - LM137_15_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LM137 LINER-LM137_15 Datasheet
158Kb / 12P
   Negative Adjustable Regulator
More results

Podobny opis - LM137_15_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com