Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28005FH20Z-T7A Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL28005FH20Z-T7A
Szczegółowy opis  Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005FH20Z-T7A Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL28005FH20Z-T7A Datasheet HTML 3Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 4Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 5Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 6Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 7Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 8Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 9Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 10Page - Intersil Corporation ISL28005FH20Z-T7A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ISL28005
7
FN6973.5
October 24, 2013
FIGURE 5. HIGH-SIDE and LOW-SIDE THRESHOLD VOLTAGE
VRS+(L-H) and VRS+(H-L), VSENSE = 10mV
FIGURE 6. VOUT vs VRS+, VSENSE = 20mV TRANSIENT RESPONSE
FIGURE 7. NORMALIZED VOA vs IOUT
FIGURE 8. GAIN vs FREQUENCY VRS+= 100mV/12V,
VSENSE = 100mV, VOUT = 250mVP-P
FIGURE 9. CAPACITIVE LOAD DRIVE GAIN vs FREQUENCY
FIGURE 10. CAPACITIVE LOAD DRIVE PHASE vs FREQUENCY
Typical Performance Curves V
CC = 12V, RL = 1M, unless otherwise specified. (Continued)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TIME (ms)
VTH(L-H) = 1.52V
VTH(H-L) = 1.23V
VRS+
G100, VOUT = 1V
G50, VOUT = 500mV
G20, VOUT = 200mV
VOUT (G = 100)
0
0.4
0.8
1.2
1.6
2.0
2.4
0
0.2
0.40.6
0.81.0
1.21.4
1.61.8
2.0
TIME (ms)
0
2
4
6
8
10
12
RL = 1M
VCC = 12V
VOUT (G = 100)
VRS+
G100, VOUT = 2V
G50, VOUT = 1V
G20, VOUT = 400mV
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
10µ
100µ
1m
10m
IOUT(A)
+25°C
-40°C
+125°C
GAIN 100
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
-35
-25
-15
-5
5
15
25
35
45
GAIN 100
VCC = 12V
AV = 100
RL = 1M
VSENSE = 100mV
VRS+= 100mV
VRS+ = 12V
-40
-30
-20
-10
0
10
20
30
40
1k
10k
100k
1M
FREQUENCY (Hz)
50
VCC = 5V
AV = 100
VOUT = 400mVP-P
VRS- = 3V
NO CL
100pF
1000pF
4.7nF
10nF
-220
-180
-140
-100
-60
-20
20
60
100
140
180
220
FREQUENCY (Hz)
VCC = 5V
AV = 100
VOUT = 400mVP-P
VRS- = 3V
1k
10k
100k
1M
NO CL
100pF
1000pF
4.7nF
10nF


Podobny numer części - ISL28005FH20Z-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28005FH20Z-T7A INTERSIL-ISL28005FH20Z-T7A Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28005FH20Z-T7A INTERSIL-ISL28005FH20Z-T7A Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28005FH20Z-T7A RENESAS-ISL28005FH20Z-T7A Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results

Podobny opis - ISL28005FH20Z-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com