Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28325FBZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL28325FBZ
Szczegółowy opis  40V Low Power Dual and Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28325FBZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL28325FBZ Datasheet HTML 1Page - Intersil Corporation ISL28325FBZ Datasheet HTML 2Page - Intersil Corporation ISL28325FBZ Datasheet HTML 3Page - Intersil Corporation ISL28325FBZ Datasheet HTML 4Page - Intersil Corporation ISL28325FBZ Datasheet HTML 5Page - Intersil Corporation ISL28325FBZ Datasheet HTML 6Page - Intersil Corporation ISL28325FBZ Datasheet HTML 7Page - Intersil Corporation ISL28325FBZ Datasheet HTML 8Page - Intersil Corporation ISL28325FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ISL28325, ISL28345
5
September 27, 2011
FN7854.0
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified.
FIGURE 2. OPEN-LOOP GAIN, PHASE vs FREQUENCY, RL =10kΩ,
CL = 10pF
FIGURE 3. OPEN-LOOP GAIN, PHASE vs FREQUENCY, RL =10kΩ,
CL = 100pF
FIGURE 4. CMRR vs FREQUENCY, VS = ±2.25, ±5V, ±15V
FIGURE 5. SMALL SIGNAL TRANSIENT RESPONSE, VS = ±5V, ±15V
FIGURE 6. LARGE SIGNAL TRANSIENT RESPONSE vs RL VS = ±5V, ±15V
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m 1m 10m 100m
1
10
100
1k
10k 100k 1M 10M 100M
RL = 10k
SIMULATION
CL = 10pF
GAIN
PHASE
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m 1m 10m 100m 1
10 100
1k 10k 100k 1M 10M 100M
RL = 10k
SIMULATION
CL = 100pF
GAIN
PHASE
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
180
200
220
1m 10m 100m
1
10
100
1k
10k 100k 1M
10M 100M
RL = INF
SIMULATION
CL = 10pF
VS = ±2.5V
VS = ±5V
VS = ±15V
TIME (µs)
-10
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
RL = 10k
AV = +1
CL = 4pF
VOUT = 50mVP-P
VS = ±15V
TIME (µs)
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2.0
2.4
0
1020
3040506070
8090
100
AV = +1
CL = 4pF
VOUT = 4VP-P
VS = ±5V, RL = 2k, 10k
VS = ±15V, RL = 2k, 10k


Podobny numer części - ISL28325FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
logo
Renesas Technology Corp
ISL28325FBZ RENESAS-ISL28325FBZ Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
More results

Podobny opis - ISL28325FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28325 INTERSIL-ISL28325 Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
Renesas Technology Corp
ISL28325 RENESAS-ISL28325 Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
   Low power quad operational amplifier
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
   Low-Power Quad Operational Amplifier
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com