Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28107FUZ Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL28107FUZ
Szczegółowy opis  Precision Single, Dual and Quad Low Noise Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107FUZ Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL28107FUZ Datasheet HTML 4Page - Intersil Corporation ISL28107FUZ Datasheet HTML 5Page - Intersil Corporation ISL28107FUZ Datasheet HTML 6Page - Intersil Corporation ISL28107FUZ Datasheet HTML 7Page - Intersil Corporation ISL28107FUZ Datasheet HTML 8Page - Intersil Corporation ISL28107FUZ Datasheet HTML 9Page - Intersil Corporation ISL28107FUZ Datasheet HTML 10Page - Intersil Corporation ISL28107FUZ Datasheet HTML 11Page - Intersil Corporation ISL28107FUZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ISL28107, ISL28207, ISL28407
8
FN6631.8
September 29, 2015
Submit Document Feedback
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
1
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz, VS = ±19V
340
nVP-P
en
Voltage Noise Density
f = 10Hz, VS = ±19V
14
nV/
Hz
en
Voltage Noise Density
f = 100Hz, VS = ±19V
13
nV/
Hz
en
Voltage Noise Density
f = 1kHz, VS = ±19V
13
nV/
Hz
en
Voltage Noise Density
f = 10kHz, VS = ±19V
13
nV/
Hz
in
Current Noise Density
f = 10kHz, VS = ±19V
53
fA/
Hz
THD + N
Total Harmonic Distortion + Noise 1kHz, G = 1, VO = 3.5VRMS, RL = 2k
0.0035
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 10, RL = 10kVO = 10VP-P
±0.32
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0RL = 2kto VCM
355
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0RL = 2kto VCM
365
ns
ts
Settling Time to 0.1%
10V Step; 10% to VOUT
AV = -1 VOUT = 10VP-P, Rg = Rf = 10k,
RL =2k to VCM
29
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P, Rg = Rf =10k,
RL =2k to VCM
31.2
µs
tOL
Output Overload Recovery Time
AV = 100, VIN = 0.2V, RL = 2k to VCM
6µs
Electrical Specifications V
S ±15V, VCM = 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Offset Voltage Magnitude; SOIC
Package
ISL28107, ISL28207
-75
5
75
µV
-140
140
µV
ISL28407
-90
10
90
µV
-160
160
µV
Offset Voltage Magnitude; MSOP
Package
ISL28107
-1005
100
µV
-180
180
µV
ISL28207
-110
5
110
µV
-200
200
µV
Offset Voltage Magnitude; TDFN
Package
ISL28107
-100
10
100
µV
-190
190
µV
ISL28207
-10010
100
µV
-175
175
µV


Podobny numer części - ISL28107FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28107FUZ INTERSIL-ISL28107FUZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107FUZ INTERSIL-ISL28107FUZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FUZ INTERSIL-ISL28107FUZ Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107FUZ RENESAS-ISL28107FUZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107FUZ-T13 INTERSIL-ISL28107FUZ-T13 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results

Podobny opis - ISL28107FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com