Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28108FRTZ Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL28108FRTZ
Szczegółowy opis  40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28108FRTZ Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL28108FRTZ Datasheet HTML 2Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 3Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 4Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 5Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 6Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 7Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 8Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 9Page - Intersil Corporation ISL28108FRTZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ISL28108, ISL28208, ISL28408
6
FN6935.5
March 4, 2014
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Maximum Differential Input Voltage . . . . . . . 42V or V- - 0.5V to V+ + 0.5V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . 42V or V- - 0.5V to V+ + 0.5V
Max/Min Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA
Output Short-Circuit Duration (1 output at a time) . . . . . . . . . . . Indefinite
ESD Tolerance (ISL28208, ISL28408)
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . . 6kV
Machine Model (Tested per JESD22-A115-C) . . . . . . . . . . . . . . . . . 400V
Charged Device Model (Tested per JESD22-C110D) . . . . . . . . . . . . . 2kV
ESD Tolerance (ISL28108)
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . 5.5kV
Machine Model (Tested per JESD22-A115-C) . . . . . . . . . . . . . . . . . 300V
Charged Device Model (Tested per JESD22-C110D) . . . . . . . . . . . . . 2kV
ESD Tolerance (ISL28108 MSOP package only)
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . . 3kV
Machine Model (Tested per JESD22-A115-C) . . . . . . . . . . . . . . . . . 300V
Charged Device Model (Tested per JESD22-C110D) . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld SOIC Package (208, Notes 4, 7). . . . . . .
120
55
8 Ld SOIC Package (108, Notes 4, 7). . . . . . .
120
60
8 Ld TDFN Package (208, Notes 5, 6) . . . . . .
47
6
8 Ld TDFN Package (108, Notes 5, 6) . . . . . .
45
3.5
8 Ld MSOP Package (208, Notes 4, 7). . . . . .
150
50
8 Ld MSOP Package (108, Notes 4, 7). . . . . .
165
57
14 Ld SOIC Package (408, Notes 4, 7). . . . . .
71
37
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Operating Temperature Range. . . . . . . . . . . . . -40°C to +125°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . +150°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V (±1.5V) to 40V (±20V)
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For
θJC, the “case temp” location is taken at the package top center.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications, VS ±15 VCM= 0, VO = 0V, RL = Open, TA= +25°C, unless otherwise noted. Boldface entries apply over
the operating temperature range,
-40°C to +125°C. Temperature data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Input Offset Voltage
ISL28208
ISL28408
-230
25
230
µV
-330
330
µV
ISL28108 SOIC, TDFN
-150
10
150
µV
-270
270
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
ISL28208 SOIC
-40°C to +125°C
0.1
1.1
µV/
°C
ISL28208 MSOP
-40°C to +125°C
0.2
1.5
µV/
°C
ISL28208 TDFN
ISL28408
-40°C to +125°C
0.2
1.4
µV/
°C
ISL28108 SOIC, TDFN
-40°C to +125°C
0.2
1.2
µV/
°C
ΔVOS
Input Offset Voltage Match
(ISL28208 only)
ISL28208 SOIC, TDFN
-300
5
300
µV
-400
400
µV
ISL28208 MSOP
-420
420
µV
IB
Input Bias Current
-43
-13
nA
-63
nA
TCIB
Input Bias Current
Temperature Coefficient
0.07
nA/
°C


Podobny numer części - ISL28108FRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28108FRTZ INTERSIL-ISL28108FRTZ Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108FRTZ INTERSIL-ISL28108FRTZ Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108FRTZ RENESAS-ISL28108FRTZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results

Podobny opis - ISL28108FRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com