Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1536IRZ Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL1536IRZ
Szczegółowy opis  Dual Channel Central Office ADSL2 Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1536IRZ Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL1536IRZ Datasheet HTML 1Page - Intersil Corporation ISL1536IRZ Datasheet HTML 2Page - Intersil Corporation ISL1536IRZ Datasheet HTML 3Page - Intersil Corporation ISL1536IRZ Datasheet HTML 4Page - Intersil Corporation ISL1536IRZ Datasheet HTML 5Page - Intersil Corporation ISL1536IRZ Datasheet HTML 6Page - Intersil Corporation ISL1536IRZ Datasheet HTML 7Page - Intersil Corporation ISL1536IRZ Datasheet HTML 8Page - Intersil Corporation ISL1536IRZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN6508.4
February 15, 2013
SUPPLY CHARACTERISTICS
VS(MAX)
Maximum Operating Supply Voltage
±13.2
V
VS(MIN)
Minimum Operating Supply Voltage
±7.5
V
IS+ (Enable)
Positive Supply Current per Amplifier All outputs at 0V, DIS = 0V
4.0
5
mA
IS- (Enable)
Negative Supply Current per Amplifier All outputs at 0V, DIS = 0V
-4.85
-3.9
mA
IS+ (Power Down) Positive Supply Current per Amplifier All outputs at 0V, DIS = 5V
0.3
0.75
mA
IS- (Power Down) Negative Supply Current per Amplifier All outputs at 0V, DIS = 5V
-0.75
0
mA
IGND
GND Supply Current per Amplifier
All outputs at 0V
0.3
mA
NOTE:
5. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications
VS = ±12V, RL = 50Ω to GND, DISAB = DISCD = 0, TA = +25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT
Typical Performance Curves
FIGURE 1. DIFFERENTIAL FREQUENCY RESPONSE vs RL
FIGURE 2. DIFFERENTIAL FREQUENCY RESPONSE vs RL
FIGURE 3. DIFFERENTIAL FREQUENCY RESPONSE vs CL
FIGURE 4. DIFFERENTIAL FREQUENCY RESPONSE vs CL
VS = ±12V
CL = 0pF
RL = 100Ω
RL = 1kΩ
RL = 25Ω
RL = 50Ω
VS = ±6V
CL = 0pF
RL = 25Ω
RL = 100Ω
RL = 50Ω
RL = 1kΩ
VS = ±12V
RL = 100Ω
68pF
47pF
0pF
10pF
VS = ±6V
RL = 100Ω
68pF
10pF
0pF
47pF
ISL1536


Podobny numer części - ISL1536IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
134Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Renesas Technology Corp
ISL1536IRZ RENESAS-ISL1536IRZ Datasheet
612Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
logo
Intersil Corporation
ISL1536IRZ-T13 INTERSIL-ISL1536IRZ-T13 Datasheet
134Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Renesas Technology Corp
ISL1536IRZ-T13 RENESAS-ISL1536IRZ-T13 Datasheet
612Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
More results

Podobny opis - ISL1536IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
EL1537 INTERSIL-EL1537 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
612Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
logo
Intersil Corporation
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
EL1537A INTERSIL-EL1537A Datasheet
48Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535_0707 INTERSIL-ISL1535_0707 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1536 INTERSIL-ISL1536 Datasheet
134Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
   Dual Channel CO ADSL2 Line Driver
logo
Texas Instruments
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com