Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL1561IRZ-T13 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL1561IRZ-T13
Szczegółowy opis  Fixed Gain Dual Port Class-G Differential xDSL Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1561IRZ-T13 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL1561IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ISL1561
8
FN7941.1
February 26, 2013
FIGURE 16. CHANNEL-TO-CHANNEL CROSSTALK
FIGURE 17. OFF-ISOLATION
FIGURE 18. ENABLE RESPONSE
FIGURE 19. DISABLE RESPONSE
FIGURE 20. QUIESCENT CURRENT PER PORT vs CODES
Typical Performance Curves V
CC = +14V, Rb = 5.1Ω, Gain at the Load = 11.6V/V (Differential), RLOAD = 51Ω,
TA = +25°C, Unless otherwise noted. (Continued)
-100
-90
-80
-70
-60
-50
-40
-30
-20
10mA/PORT
100k
1M
10M
100M
FREQUENCY (Hz)
CHANNEL AB -> CD
CHANNEL CD -> AB
-120
-110
-100
-90
-80
-70
-60
10mA/PORT
100k
1M
10M
100M
FREQUENCY (Hz)
tEN = 600ns
OUTA
SDATA
OUTA
SDATA
tDIS = 1.6µs
0
5
10
15
20
25
0
20
40
60
80
100
120
140
Iq CODE


Podobny numer części - ISL1561IRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   3 pin serial port interface
logo
Renesas Technology Corp
ISL1561IRZ-T13 RENESAS-ISL1561IRZ-T13 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results

Podobny opis - ISL1561IRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL1561 RENESAS-ISL1561 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Texas Instruments
THS6184 TI1-THS6184_16 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com