Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL24202IRTZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL24202IRTZ
Szczegółowy opis  Programmable VCOM Calibrator with EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24202IRTZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL24202IRTZ Datasheet HTML 1Page - Intersil Corporation ISL24202IRTZ Datasheet HTML 2Page - Intersil Corporation ISL24202IRTZ Datasheet HTML 3Page - Intersil Corporation ISL24202IRTZ Datasheet HTML 4Page - Intersil Corporation ISL24202IRTZ Datasheet HTML 5Page - Intersil Corporation ISL24202IRTZ Datasheet HTML 6Page - Intersil Corporation ISL24202IRTZ Datasheet HTML 7Page - Intersil Corporation ISL24202IRTZ Datasheet HTML 8Page - Intersil Corporation ISL24202IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Programmable VCOM Calibrator with EEPROM
ISL24202
The ISL24202 is an 8-bit programmable current sink that can be
used in conjunction with an external voltage divider to generate a
voltage source (VCOM) positioned between the analog supply
voltage and ground. The current sink’s full-scale range is
controlled by an external resistor, RSET. With the appropriate
choice of external resistors R1 and R2, the VCOM voltage range
can be controlled between any arbitrary voltage range. The
ISL24202 has an 8-bit data register and 8-bit EEPROM for storing
both a volatile and a permanent value for its output, accessible
through a single up/down counter interface pin (CTL). After the
part is programmed with the desired VCOM value, the Counter
Enable pin (CE) can be grounded to prevent further changes. On
every power-up the EEPROM contents are automatically
transferred to the data register, and the pre-programmed output
voltage appears at the VOUT pin.
The ISL24202 can be used with a high output drive buffer
amplifier, which allows it to directly drive the VCOM input of an
LCD panel.
The ISL24202 is available in an 8 Ld 3mm x 3mm TDFN
package. This package has a maximum height of 0.8mm for very
low profile designs. The ambient operating temperature range is
-40°C to +85°C.
Features
• Adjustable 8-Bit, 256-Step, Current Sink Output
• On-Chip 8-Bit EEPROM
• Up/Down Counter Interface
• Guaranteed Monotonic Over-Temperature
• 4.5V to 19.0V Analog Supply Range for Normal Operation
(10.8V Minimum Analog Supply Voltage for Programming)
• 2.25V to 3.6V Logic Supply Voltage Operating Range
• Pb-free (RoHS-Compliant)
• Ultra-Thin 8 Ld TDFN (3 x 3 x 0.8mm Max)
Applications
•LCD Panel VCOM Generator
• Electrophoretic Display VCOM Generator
Related Literature
• See AN1633 for ISL24202 Evaluation Board Application Note
“ISL24202IRTZ-EVALZ Evaluation Board User Guide” (Coming
Soon)
MICRO-
CONTROLLER
ISL24202
CE
CTL
OUT
SET
VDD
AVDD
8
5
4
7
6
1
2
RSET
R1
R2
LCD PANEL
VCOM
I/O PIN
I/O PIN*
* 0, 1, TRI-STATE
EL5411T
FIGURE 1. TYPICAL ISL24202 APPLICATION
March 15, 2011
FN7587.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - ISL24202IRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Renesas Technology Corp
ISL24202IRTZ RENESAS-ISL24202IRTZ Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202IRTZ-EVALZ INTERSIL-ISL24202IRTZ-EVALZ Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Renesas Technology Corp
ISL24202IRTZ-EVALZ RENESAS-ISL24202IRTZ-EVALZ Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results

Podobny opis - ISL24202IRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com