Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28117FUBZ Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL28117FUBZ
Szczegółowy opis  40V Precision Low Power Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28117FUBZ Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL28117FUBZ Datasheet HTML 2Page - Intersil Corporation ISL28117FUBZ Datasheet HTML 3Page - Intersil Corporation ISL28117FUBZ Datasheet HTML 4Page - Intersil Corporation ISL28117FUBZ Datasheet HTML 5Page - Intersil Corporation ISL28117FUBZ Datasheet HTML 6Page - Intersil Corporation ISL28117FUBZ Datasheet HTML 7Page - Intersil Corporation ISL28117FUBZ Datasheet HTML 8Page - Intersil Corporation ISL28117FUBZ Datasheet HTML 9Page - Intersil Corporation ISL28117FUBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ISL28117, ISL28217, ISL28417
6
November 30, 2012
FN6632.10
Absolute Maximum Ratings
Thermal Information
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ....42V
Maximum Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Maximum Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42V
Min/Max Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
Max/Min Input current for Input Voltage >V+ or <V-. . . . . . . . . . . . . . . . ±20mA
Output Short-Circuit Duration (1 output at a time). . . . . . . . . . . . . . . . Indefinite
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
Machine Model (ISL28217 MSOP only) . . . . . . . . . . . . . . . . . . . . . . . 300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5kV
ESD Rating (ISL28417 SOIC)
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld SOIC ISL28117 (Notes 4, 7) . . . . . . . .
120
60
8 Ld SOIC ISL28217 (Notes 4, 7) . . . . . . . .
105
50
8 Ld MSOP ISL28117 (Notes 4, 7) . . . . . . .
155
50
8 Ld MSOP ISL28217 (Notes 4, 7) . . . . . . .
160
55
8 Ld TDFN ISL28117 (Notes 5, 6). . . . . . . .
48
7
8 Ld TDFN ISL28217 (Notes 5, 6). . . . . . . .
43
2
14 Ld SOIC (Notes 5, 7) . . . . . . . . . . . . . . . .
73
45
14 Ld TSSOP (Notes 4, 7) . . . . . . . . . . . . . .
90
32
Maximum Storage Temperature Range . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
6. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
7. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VS ± 15V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Input Offset Voltage, SOIC, TSSOP
Package
ISL28x17 B Grade
-50
8
50
µV
-110
110
µV
ISL28x17 C Grade
-100
4
100
µV
-190
190
µV
ISL28417 B Grade
-70
10
70
µV
-120
120
µV
ISL28417 C Grade
-110
10
110
µV
TA = -40°C to +85°C
-160
160
µV
TA = -40°C to +125°C
-200
200
µV
Input Offset Voltage, MSOP Package
ISL28117 B Grade
-70
-10
70
µV
-150
150
µV
ISL28117 C Grade
-150
4
150
µV
-250
250
µV
ISL28217 C Grade
-150
10
150
µV
-250
250
µV
Input Offset Voltage, TDFN Package
ISL28117 B Grade
-75
-10
75
µV
-160
160
µV
ISL28217 B Grade
-70
10
70
µV
-140
140
µV
ISL28x17 C Grade
-150
10
150
µV
-250
250
µV


Podobny numer części - ISL28117FUBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28117FUBZ INTERSIL-ISL28117FUBZ Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117FUBZ INTERSIL-ISL28117FUBZ Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FUBZ INTERSIL-ISL28117FUBZ Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
ISL28117FUBZ INTERSIL-ISL28117FUBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
logo
Renesas Technology Corp
ISL28117FUBZ RENESAS-ISL28117FUBZ Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
More results

Podobny opis - ISL28117FUBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com