Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28417FBBZ Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL28417FBBZ
Szczegółowy opis  40V Precision Low Power Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28417FBBZ Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL28417FBBZ Datasheet HTML 1Page - Intersil Corporation ISL28417FBBZ Datasheet HTML 2Page - Intersil Corporation ISL28417FBBZ Datasheet HTML 3Page - Intersil Corporation ISL28417FBBZ Datasheet HTML 4Page - Intersil Corporation ISL28417FBBZ Datasheet HTML 5Page - Intersil Corporation ISL28417FBBZ Datasheet HTML 6Page - Intersil Corporation ISL28417FBBZ Datasheet HTML 7Page - Intersil Corporation ISL28417FBBZ Datasheet HTML 8Page - Intersil Corporation ISL28417FBBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ISL28117, ISL28217, ISL28417
2
November 30, 2012
FN6632.10
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VOS (MAX)
(µV)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28117FBBZ
28117 FBZ
50 (B Grade)
8 Ld SOIC
M8.15E
ISL28117FBZ
28117 FBZ -C
100 (C Grade)
8 Ld SOIC
M8.15E
ISL28117FUBZ
8117Z
70 (B Grade)
8 Ld MSOP
M8.118B
ISL28117FUZ
8117Z -C
150 (C Grade)
8 Ld MSOP
M8.118B
ISL28117FRTBZ
8117
75 (B Grade)
8 Ld TDFN
L8.3x3K
ISL28117FRTZ
-C 8117
150 (C Grade)
8 Ld TDFN
L8.3x3K
ISL28217FBBZ
28217 FBZ
50 (B Grade)
8 Ld SOIC
M8.15E
ISL28217FBZ
28217 FBZ -C
100 (C Grade)
8 Ld SOIC
M8.15E
Coming Soon
ISL28217FUBZ
8217Z
TBD (B Grade)
8 Ld MSOP
M8.118B
ISL28217FUZ
8217Z -C
150 (C Grade)
8 Ld MSOP
M8.118B
ISL28217FRTBZ
8217
70 (B Grade)
8 Ld TDFN
L8.3x3K
ISL28217FRTZ
-C 8217
150 (C Grade)
8 Ld TDFN
L8.3x3K
ISL28417FBBZ
28417 FBZ
120 (B Grade)
14 Ld SOIC
MDP0027
ISL28417FBZ
28417 FBZ -C
200 (C Grade)
14 Ld SOIC
MDP0027
ISL28417FVBZ
28417 FVZ
120 (B Grade)
14 Ld TSSOP
M14.173
ISL28417FVZ
28417 FVZ-C
200 (C Grade)
14 Ld TSSOP
M14.173
ISL28117SOICEVAL1Z
Evaluation Board
ISL28217SOICEVAL2Z
Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28117, ISL28217, ISL28417. For more information on MSL please see
techbrief TB363.


Podobny numer części - ISL28417FBBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28417FBBZ INTERSIL-ISL28417FBBZ Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
ISL28417FBBZ INTERSIL-ISL28417FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
logo
Renesas Technology Corp
ISL28417FBBZ RENESAS-ISL28417FBBZ Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
More results

Podobny opis - ISL28417FBBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com