Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1100S Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części TS1100S
Szczegółowy opis  MICRO SURFACE MOUNT SCHOTTKY BRIDGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TS1100S Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  TS1100S_14 Datasheet HTML 1Page - Pan Jit International Inc. TS1100S_14 Datasheet HTML 2Page - Pan Jit International Inc. TS1100S_14 Datasheet HTML 3Page - Pan Jit International Inc. TS1100S_14 Datasheet HTML 4Page - Pan Jit International Inc. TS1100S_14 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS1100S
PAGE . 1
December 4,2014-REV.01
MICRO SURFACE MOUNT SCHOTTKYBRIDGE
VOLTAGE
100 Volt
CURRENT
1 Ampere
ABSOLUTE MAXIMUM RATINGS (If not specified TA=25oC)
PA RA ME TE R
S YMB OL
TS 1100S
UNITS
Maxi mum P eak Repeti tve Reverse Voltage
V
RRM
100
V
Maxi mum RMS Reverse Voltage
V
RMS
71
V
Maxi mum D C B locki ng Voltage
V
DC
100
V
Maxi mum A verage Forward C urrent T c =50 OCI
F(AV )
1A
Non-Repeti ti ve P eak S urge C urrent (S urge appli ed at rate Load
condi ti ons halfware, si ngle phase, 60Hz)
I
FS M
30
A
Maxi mum Thermal Resi stance
R
θ
JA
85
O
C/W
Operati ng Junc ti on and S torage Temperature Range
TJ,TSTG
-50 to +125
O
C
FEATURES
• Plastic package has Underwriters Laboratory
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forwrd voltge, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• Epitaxial chip construction.
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
Lead free in compliance with EU RoHS 2011/65/EU directive
Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICALDATA
• Case: MDI Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.0032 ounces, 0.09 grams.


Podobny numer części - TS1100S_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
TS1100S PANJIT-TS1100S Datasheet
76Kb / 3P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
logo
Zibo Seno Electronic En...
TS1100S ZSELEC-TS1100S Datasheet
135Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Podobny opis - TS1100S_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
TS240S-AU PANJIT-TS240S-AU Datasheet
128Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS260S PANJIT-TS260S_14 Datasheet
198Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS2100S PANJIT-TS2100S_14 Datasheet
146Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS1100S PANJIT-TS1100S Datasheet
76Kb / 3P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS260S PANJIT-TS260S Datasheet
220Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS360ILS PANJIT-TS360ILS Datasheet
92Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS140S PANJIT-TS140S Datasheet
134Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS240S PANJIT-TS240S_14 Datasheet
203Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
SDI260 PANJIT-SDI260 Datasheet
92Kb / 4P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS240S PANJIT-TS240S Datasheet
110Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
TS340IS PANJIT-TS340IS_14 Datasheet
115Kb / 5P
   MICRO SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com