Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2575-5.0BU Arkusz danych(PDF) 9 Page - Micrel Semiconductor

Numer części LM2575-5.0BU
Szczegółowy opis  52kHz Simple 1A Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICREL [Micrel Semiconductor]
Strona internetowa  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-5.0BU Arkusz danych(HTML) 9 Page - Micrel Semiconductor

  LM2575-5.0BU Datasheet HTML 1Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 2Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 3Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 4Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 5Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 6Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 7Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 8Page - Micrel Semiconductor LM2575-5.0BU Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
April 2005
9
M9999-042205
LM2575
Micrel, Inc.
0.018 ±0.008
(0.46 ±0.20)
0.268 REF
(6.81 REF)
0.032 ±0.005
(0.81 ±0.13)
0.550 ±0.010
(13.97 ±0.25)
Typ.
SEATING
PLANE
0.578 ±0.018
(14.68 ±0.46)
0.108 ±0.005
(2.74 ±0.13)
0.050 ±0.005
(1.27 ±0.13)
0.150 D ±0.005
(3.81 D ±0.13)
0.400 ±0.015
(10.16 ±0.38)
0.177 ±0.008
(4.50 ±0.20)
0.103 ±0.013
(2.62±0.33)
0.241 ±0.017
(6.12 ±0.43)
0.067 ±0.005
(1.70 ±0.127)
inch
(mm)
Dimensions:
5-Lead TO-220 (T)
0.067±0.005
0.032 ±0.003
0.360±0.005
0.600±0.025
0.405±0.005
0.060 ±0.005
0.176 ±0.005
8° MAX
0.100 ±0.01
0.050±0.005
0.015 ±0.002
0.004+0.004
–0.008
SEATING PLANE
0.065 ±0.010
20°±2°
DIM. = INCH
5-Lead TO-263 (T)
MICREL INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
This information furnished by Micrel in this data sheet is believed to be accurate and reliable. However no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 1999 Micrel Incorporated


Podobny numer części - LM2575-5.0BU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
LM2575-5.0BU MICREL-LM2575-5.0BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BU MICREL-LM2575-5.0BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results

Podobny opis - LM2575-5.0BU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com