Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1572 Arkusz danych(PDF) 11 Page - Gennum Corporation

Numer części GS1572
Szczegółowy opis  EDH packet generation and insertion
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1572 Arkusz danych(HTML) 11 Page - Gennum Corporation

Back Button GS1572 Datasheet HTML 7Page - Gennum Corporation GS1572 Datasheet HTML 8Page - Gennum Corporation GS1572 Datasheet HTML 9Page - Gennum Corporation GS1572 Datasheet HTML 10Page - Gennum Corporation GS1572 Datasheet HTML 11Page - Gennum Corporation GS1572 Datasheet HTML 12Page - Gennum Corporation GS1572 Datasheet HTML 13Page - Gennum Corporation GS1572 Datasheet HTML 14Page - Gennum Corporation GS1572 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
GS1572 Multi-Rate Serializer with Cable Driver and
ClockCleanerTM
Data Sheet
44262 - 4
March 2009
11 of 64
D3
STANDBY
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Power down input.
When set HIGH, the device will be in standby mode.
D4
SDO_EN/DIS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable the serial digital output stage.
When set LOW, the serial digital output signals SDO and SDO are
disabled and become high impedance.
When set HIGH, the serial digital output signals SDO and SDO are
enabled.
The SDO and SDO outputs will also be high impedance when the
RESET pin is LOW.
D6, D7, D8,
E4, E8, F8
NC
No connect. Not connected internally.
E3
SD/HD
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set LOW, the device will be configured to transmit signals of
1.485Gb/s - 1.485/1.001Gb/s rates only.
When set HIGH, the device will be configured to transmit signals of
a 270Mb/s rate only.
E10
CD_VDD
Analog
Input
Power
Power supply connection for the serial digital cable driver. Connect
to +3.3V DC analog.
F1, F2, H1,
H2, J1, J2,
J3, K1, K2,
K3
DIN[9:0]
Synchronous
with PCLK
Input
PARALLEL DATA BUS
Signal levels are LVCMOS/LVTTL compatible.
DIN9 is the MSB and DIN0 is the LSB.
HD 20-bit mode
SD/HD = LOW
20bit/10bit = HIGH
Chroma data input in SMPTE mode
SMPTE_BYPASS =HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
HD 10-bit mode
SD/HD = LOW
20bit/10bit = LOW
High impedance in all modes.
SD 20-bit mode
SD/HD = HIGH
20bit/10bit = HIGH
Chroma data input in SMPTE mode
SMPTE_BYPASS = HIGH
DVB_ASI = LOW
Data input in Data-Through mode
SMPTE_BYPASS = LOW
DVB_ASI = LOW
Forced low in DVB-ASI mode
SMPTE_BYPASS = LOW
DVB_ASI = HIGH
SD 10-bit mode
SD/HD = HIGH
20bit/10bit = LOW
High impedance in all modes.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Podobny numer części - GS1572

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1574 GENNUM-GS1574 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
GS1574-CNE3 GENNUM-GS1574-CNE3 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1574-CNE3 GENNUM-GS1574-CNE3 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
More results

Podobny opis - GS1572

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Faraday Technology
PI-001 FARADAY-PI-001 Datasheet
74Kb / 3P
   PARALLEL TO SDI CONVERTER CARD WITH OPTIONAL EDH INSERTION
logo
Gennum Corporation
GS9001 GENNUM-GS9001_04 Datasheet
341Kb / 14P
   EDH Coprocessor
GS9001 GENNUM-GS9001 Datasheet
211Kb / 14P
   EDH COPROCESSOR
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
logo
Honeywell Accelerometer...
19PA217-NT HONEYWELL-ACC-19PA217-NT Datasheet
46Kb / 1P
   PACKET
logo
PMC-Sierra, Inc
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
   ATM/PACKET Traffic Manager and Switch
logo
CML Microcircuits
CMX909B CMLMICRO-CMX909B Datasheet
1Mb / 51P
   Full and Short Data Packet Framing
logo
PMC-Sierra, Inc
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
   ATM/PACKET Traffic Manager and Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com