Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2962 Arkusz danych(PDF) 9 Page - Gennum Corporation

Numer części GS2962
Szczegółowy opis  Integrated Narrow-Bandwidth PLL
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2962 Arkusz danych(HTML) 9 Page - Gennum Corporation

Back Button GS2962 Datasheet HTML 5Page - Gennum Corporation GS2962 Datasheet HTML 6Page - Gennum Corporation GS2962 Datasheet HTML 7Page - Gennum Corporation GS2962 Datasheet HTML 8Page - Gennum Corporation GS2962 Datasheet HTML 9Page - Gennum Corporation GS2962 Datasheet HTML 10Page - Gennum Corporation GS2962 Datasheet HTML 11Page - Gennum Corporation GS2962 Datasheet HTML 12Page - Gennum Corporation GS2962 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
GS2962 3G/HD/SD-SDI Serializer with Complete
SMPTE Video Support
Data Sheet
48005 - 7
October 2010
9 of 82
A4
H/HSYNCSynch-
ronous
with
PCLK
Input
PARALLEL DATA TIMING.
Signal levels are LVCMOS / LVTTL compatible.
TIM_861 is LOW:
The H signal is used to indicate the portion of the video line
containing active video data, when DETECT_TRS is set LOW.
Active Line Blanking
The H signal should be LOW for the active portion of the video line.
The signal goes LOW at the first active pixel of the line, and then
goes HIGH after the last active pixel of the line.
The H signal should be set HIGH for the entire horizontal blanking
period, including both EAV and SAV TRS words, and LOW otherwise.
TRS Based Blanking (H_CONFIG = 1h)
The H signal should be set HIGH for the entire horizontal blanking
period as indicated by the H bit in the received TRS ID words, and
LOW otherwise.
TIM_861 = HIGH:
The HSYNC signal indicates horizontal timing. See Section 4.3.
When DETECT_TRS is HIGH, this pin is ignored at all times.
If DETECT_TRS is set HIGH and TIM_861 is set HIGH, the DETECT_TRS
feature will take priority.
A5, E1, G10,
K8
CORE_VDD
Input Power
Power supply connection for digital core logic. Connect to 1.2V DC
digital.
A6, B6
PLL_VDD
Input Power
Power supply pin for PLL. Connect to 1.2V DC analog.
A7
LF
Analog
Output
Loop Filter component connection.
A8
VBG
Output
Bandgap voltage filter connection.
A9, D6, D7,
D8, H7, J4,
J5, J6, J7,
K4, K5, K6,
K7
RSV
These pins are reserved and should be left unconnected.
A10
A_VDD
Input Power
VDD for sensitive analog circuitry. Connect to 3.3VDC analog.
B4
PCLK
Input
PARALLEL DATA BUS CLOCK.
Signal levels are LVCMOS / LVTTL compatible.
3G 20-bit modePCLK @ 148.5MHz
3G 10-bit mode DDR
PCLK @ 148.5MHz
HD 20-bit modePCLK @ 74.25MHz
HD 10-bit modePCLK @ 148.5MHz
SD 20-bit modePCLK @ 13.5MHz
SD 10-bit modePCLK @ 27MHz
DVB-ASI modePCLK @ 27MHz
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Podobny numer części - GS2962

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
   3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
More results

Podobny opis - GS2962

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Oscilent Corporation
813-SL140.0M-08 OSCILENT-813-SL140.0M-08_14 Datasheet
249Kb / 2P
   Low Loss Narrow Bandwidth
logo
Analog Devices
3B16 AD-3B16_15 Datasheet
358Kb / 8P
   Narrow Bandwidth Strain Gage Input
REV. 0
3B16-CUSTOM AD-3B16-CUSTOM Datasheet
350Kb / 8P
   Narrow Bandwidth Strain Gage Input
REV. 0
logo
Integrated Device Techn...
ICS87974I IDT-ICS87974I Datasheet
167Kb / 16P
   Fully integrated PLL
ICS87972I-147 IDT-ICS87972I-147 Datasheet
3Mb / 17P
   Fully integrated PLL
87973I-147 IDT-87973I-147 Datasheet
400Kb / 19P
   Fully integrated PLL
logo
Pericom Semiconductor C...
PT7C4050 PERICOM-PT7C4050 Datasheet
410Kb / 13P
   PLL with Integrated VCXO
logo
Bookham, Inc.
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
   976nm Laser Module Stabilized with Narrow-Bandwidth Grating
logo
List of Unclassifed Man...
SL6600C ETC1-SL6600C Datasheet
175Kb / 4P
   LOW POWER IF/AF PLL CIRCUIT FOR NARROW BAND FM
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com