Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2965 Arkusz danych(PDF) 9 Page - Gennum Corporation

Numer części GS2965
Szczegółowy opis  Uses standard 27MHz crystal
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2965 Arkusz danych(HTML) 9 Page - Gennum Corporation

Back Button GS2965 Datasheet HTML 5Page - Gennum Corporation GS2965 Datasheet HTML 6Page - Gennum Corporation GS2965 Datasheet HTML 7Page - Gennum Corporation GS2965 Datasheet HTML 8Page - Gennum Corporation GS2965 Datasheet HTML 9Page - Gennum Corporation GS2965 Datasheet HTML 10Page - Gennum Corporation GS2965 Datasheet HTML 11Page - Gennum Corporation GS2965 Datasheet HTML 12Page - Gennum Corporation GS2965 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
GS2965 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52462 - 4
July 2012
9 of 41
Proprietary & Confidential
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
-0.5 to +3.6VDC
Input ESD Voltage
4kV
Storage Temperature Range
-50ºC < TA < 125ºC
Operating Temperature Range
-40ºC to 85ºC
Input Voltage Range
-0.3 to (VCC + 0.3) VDC
Solder Reflow Temperature
260ºC
Table 2-1: DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
3.3V
3.135
3.3
3.465
V
2.5V
2.375
2.5
2.625
V
Power (DDO1/RCO disabled, minimum
output swing)
P
VDD = 3.3V
250
325
mW
VDD = 2.5V
180
235
mW
Power (DDO1/RCO enabled, minimum
output swing)
VDD = 3.3V
290
390
mW
VDD = 2.5V
210
275
mW
Power in Power-down mode
VDD = 3.3V
48
60
mW
VDD = 2.5V
30
40
mW
Serial Input Termination
Differential
80
100
120
Ω
Serial Output Termination
Differential
80
100
120
Ω
Serial Input Common Mode Voltage
−−
1.6
VDD
V
Serial Output Common Mode Voltage
−−
VCC-
(
ΔVOD
/2)
V
VIL (2.5V operation)
VOUT≤VOL, max
-0.3
0.7
V
VIL (3.3V operation)
VOUT≤VOL, max
-0.3
0.8
V
VIH (2.5V operation)
VOUT≥VOH, min
1.7
VDD
+0.3
V
VIH (3.3V operation)
VOUT≥VOH, min
2
VDD
+0.3
V
IIN
VIN = 0V or VIN = VDD
+/-10
+/-20
μA


Podobny numer części - GS2965

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2965 SEMTECH-GS2965 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
More results

Podobny opis - GS2965

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS2985 GENNUM-GS2985 Datasheet
3Mb / 45P
   Uses standard 27MHz crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2114A TAI-SAW-TZ2114A Datasheet
102Kb / 6P
   HC49SMD 27MHz Crystal Unit
REV. NO.: 1.0
TZ2531A TAI-SAW-TZ2531A Datasheet
435Kb / 6P
   HC49SMD 27MHz Crystal Unit
REV. NO.: 1.0
TZ2507A TAI-SAW-TZ2507A Datasheet
318Kb / 5P
   HC49US 27MHz Crystal Unit
REV. NO.: 1.0
TZ1132A TAI-SAW-TZ1132A Datasheet
339Kb / 6P
   SMD 6.0x3.5 27MHz Crystal Unit
REV. NO.: 2.0
TZ1323B TAI-SAW-TZ1323B Datasheet
174Kb / 8P
   Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 5.0
TZ1936A TAI-SAW-TZ1936A Datasheet
171Kb / 8P
   Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 4.0
TZ2542A TAI-SAW-TZ2542A Datasheet
209Kb / 8P
   Crystal Unit SMD 3.2x2.5 27MHz
REV. NO.: 1
TW0254A TAI-SAW-TW0254A Datasheet
182Kb / 5P
   SMD 7.0x5.0 27MHz Crystal Oscillator
TZ0462A TAI-SAW-TZ0462A Datasheet
433Kb / 8P
   Crystal Unit SMD 3.2x2.5 27MHz
REV. NO.: 8.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com