Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22313WFU10Z Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL22313WFU10Z
Szczegółowy opis  Low Noise, Low Power, I2C짰 Bus, 256 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313WFU10Z Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL22313WFU10Z Datasheet HTML 1Page - Intersil Corporation ISL22313WFU10Z Datasheet HTML 2Page - Intersil Corporation ISL22313WFU10Z Datasheet HTML 3Page - Intersil Corporation ISL22313WFU10Z Datasheet HTML 4Page - Intersil Corporation ISL22313WFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22313WFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22313WFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22313WFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22313WFU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6421.0
July 17, 2007
fcutoff
(Note 16)
-3dB cut off frequency
Wiper at midpoint (80hex) W option (10k)
1000
kHz
Wiper at midpoint (80hex) U option (50k)
250
kHz
Wiper at midpoint (80hex) T option (100k)
120
kHz
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 14)
Integral non-linearity
W option
-3
±1.5
3
MI
(Note 11)
U, T option
-1
±0.3
1
MI
(Note 11)
RDNL
(Note 13)
Differential non-linearity
W option
-1.5
±0.4
1.5
MI
(Note 11)
U, T option
-0.5
±0.15
0.5
MI
(Note 11)
Roffset
(Note 12)
Offset
W option
0
1
5
MI
(Note 11)
U, T option
0
0.5
2
MI
(Note 11)
TCR
(Notes 15, 16)
Resistance temperature coefficient
DCP register set between 32 hex and FF hex
±50
ppm/°C
Analog Specifications
Over recommended operating conditions unless otherwise stated. Limits are established by characterization.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
Operating Specifications Over the recommended operating conditions unless otherwise specified. Limits are established by
characterization.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
ICC1
VCC Supply Current (volatile
write/read)
VCC = +5.5V, V- = -5.5V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
0.07
0.15
mA
VCC = +2.25V, V- = -2.25V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
0.02
0.05
mA
IV-1
V- Supply Current (volatile write/read) V- = -5.5V, VCC = +5.5V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
-1
-0.18
mA
V- = -2.25V, VCC = +2.25V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
-0.4
-0.06
mA
ICC2
VCC Supply Current (non-volatile
write/read)
VCC = +5.5V, V- = -5.5V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
12
mA
VCC = +2.25V, V- = -2.25V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
0.3
0.7
mA
IV-2
V- Supply Current (non-volatile
write/read)
V- = -5.5V, VCC = +5.5V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
-2
-1.2
mA
V- Supply Current (non-volatile
write/read)
V- = -2.25V, VCC = +2.25V, fSCL = 400kHz;
SDA = Open; (for I2C, active, read and write
states)
-0.7
-0.4
mA
ISL22313


Podobny numer części - ISL22313WFU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22313WFU10Z INTERSIL-ISL22313WFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313WFU10Z INTERSIL-ISL22313WFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22313WFU10Z RENESAS-ISL22313WFU10Z Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
logo
Intersil Corporation
ISL22313WFU10Z-TK INTERSIL-ISL22313WFU10Z-TK Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer (XDCP??
More results

Podobny opis - ISL22313WFU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com