Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22343UFR20Z Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL22343UFR20Z
Szczegółowy opis  Low Noise, Low Power, I2C Bus, 256 Taps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22343UFR20Z Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL22343UFR20Z Datasheet HTML 3Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 4Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 5Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 6Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 7Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 8Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 9Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 10Page - Intersil Corporation ISL22343UFR20Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN6423.2
August 17, 2015
SERIAL INTERFACE SPECS
VIL
A1, A0, A2, SDA, and SCL
Input Buffer LOW Voltage
0.3*VCC
V
VIH
A1, A0, A2, SDA, and SCL
Input Buffer HIGH Voltage
0.7*VCC
V
Hysteresis
(Note 19)
SDA and SCL Input Buffer
Hysteresis
0.05*VCC
V
VOL
(Note 19)
SDA Output Buffer LOW
Voltage, Sinking 4mA
00.4
V
Cpin
(Note 19)
A1, A0, A2, SDA, and SCL
Pin Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tsp
Pulse Width Suppression
Time at SDA and SCL
Inputs
Any pulse narrower than the max spec is suppressed
50
ns
tAA
(Note 19)
SCL Falling Edge to SDA
Output Data Valid
SCL falling edge crossing 30% of VCC, until SDA exits
the 30% to 70% of VCC window
900
ns
tBUF
(Note 19)
Time the Bus Must be Free
Before the Start of a New
Transmission
SDA crossing 70% of VCC during a STOP condition, to
SDA crossing 70% of VCC during the following START
condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing
600
ns
tSU:STA
START Condition Setup
Time
SCL rising edge to SDA falling edge; both crossing 70%
of VCC
600
ns
tHD:STA
START Condition Hold
Time
From SDA falling edge crossing 30% of VCC to SCL
falling edge crossing 70% of VCC
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VCC window, to
SCL rising edge crossing 30% of VCC
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70% of VCC to SDA
entering the 30% to 70% of VCC window
0ns
tSU:STO
STOP Condition Setup
Time
From SCL rising edge crossing 70% of VCC, to SDA
rising edge crossing 30% of VCC
600
ns
tHD:STO
STOP Condition Hold
Time for Read, or Volatile
Only Write
From SDA rising edge to SCL falling edge; both
crossing 70% of VCC
1300
ns
tDH
(Note 19)
Output Data Hold Time
From SCL falling edge crossing 30% of VCC, until SDA
enters the 30% to 70% of VCC window
0ns
tR
(Note 19)
SDA and SCL Rise Time
From 30% to 70% of VCC
20 +
0.1*Cb
250
ns
tF
(Note 19)
SDA and SCL Fall Time
From 70% to 30% of VCC
20 +
0.1*Cb
250
ns
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
ISL22343


Podobny numer części - ISL22343UFR20Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22343UFR20Z INTERSIL-ISL22343UFR20Z Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22343UFR20Z RENESAS-ISL22343UFR20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
More results

Podobny opis - ISL22343UFR20Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com