Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA112P50IRZ Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISLA112P50IRZ
Szczegółowy opis  12-Bit, 500MSPS A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA112P50IRZ Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISLA112P50IRZ Datasheet HTML 1Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 2Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 3Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 4Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 5Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 6Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 7Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 8Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ISLA112P50
4
FN7604.2
August 1, 2011
Pin Descriptions
PIN NUMBER
LVDS [LVCMOS] NAME
LVDS [LVCMOS] FUNCTION
1, 6, 12, 19, 24, 71
AVDD
1.8V Analog Supply
2, 5, 13, 14, 16, 17, 18, 30, 31
DNC
Do Not Connect
3, 4
RES
Reserved. (4.7k
Ω pull-up to OVDD is required for each of these pins)
7, 8, 11, 72
AVSS
Analog Ground
9, 10
VINN, VINP
Analog Input Negative, Positive
15
VCM
Common Mode Output
20, 21
CLKP, CLKN
Clock Input True, Complement
22
OUTMODE
Tri-Level Output Mode (LVDS, LVCMOS)
23
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
25
RESETN
Power On Reset (Active Low)
26, 45, 55, 65
OVSS
Output Ground
27, 36, 56
OVDD
1.8V Output Supply
28, 29
CLKDIVRSTP,
CLKDIVRSTN
Sample Clock Synchronous Divider Reset Positive, Negative
32, 33
D0N, D0P [NC, D0]
LVDS Bit 0 (LSB) Output Complement, True [NC, LVCMOS Bit 0]
34, 35
D1N, D1P [NC, D1]
LVDS Bit 1 Output Complement, True [NC, LVCMOS Bit 1]
37, 38
D2N, D2P [NC, D2]
LVDS Bit 2 Output Complement, True [NC, LVCMOS Bit 2]
39, 40
D3N, D3P [NC, D3]
LVDS Bit 3 Output Complement, True [NC, LVCMOS Bit 3]
41, 42
D4N, D4P [NC, D4]
LVDS Bit 4 Output Complement, True [NC, LVCMOS Bit 4]
43, 44
D5N, D5P [NC, D5]
LVDS Bit 5 Output Complement, True [NC, LVCMOS Bit 5]
46
RLVDS
LVDS Bias Resistor (connect to OVSS with a 10k
Ω, 1% resistor)
47, 48
CLKOUTN, CLKOUTP
[NC, CLKOUT]
LVDS Clock Output Complement, True [NC, LVCMOS CLKOUT]
49, 50
D6N, D6P [NC, D6]
LVDS Bit 6 Output Complement, True [NC, LVCMOS Bit 6]
51, 52
D7N, D7P [NC, D7]
LVDS Bit 7 Output Complement, True [NC, LVCMOS Bit 7]
53, 54
D8N, D8P [NC, D8]
LVDS Bit 8 Output Complement, True [NC, LVCMOS Bit 8]
57, 58
D9N, D9P [NC, D9]
LVDS Bit 9 Output Complement, True [NC, LVCMOS Bit 9]
59, 60
D10N, D10P [NC, D10]
LVDS Bit 10 Output Complement, True [NC, LVCMOS Bit 10]
61, 62
D11N, D11P [NC, D11]
LVDS Bit 11(MSB) Output Complement, True [NC, LVCMOS Bit 11]
63, 64
ORN, ORP [NC, OR]
LVDS Over-Range Complement, True [NC, LVCMOS Over-Range]
66
SDO
SPI Serial Data Output (4.7k
Ω pull-up to OVDD is required)
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
70
OUTFMT
Tri-Level Output Data Format (Two’s Comp., Gray Code, Offset Binary)
PD
AVSS
Exposed Paddle. Analog Ground
NOTE: LVCMOS Output Mode Functionality is shown in brackets (NC = No Connection)


Podobny numer części - ISLA112P50IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 35P
   12-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50IRZ RENESAS-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
More results

Podobny opis - ISLA112P50IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 RENESAS-KAD5512P-50 Datasheet
1Mb / 29P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA112P50 INTERSIL-ISLA112P50 Datasheet
1Mb / 35P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com