Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA112P50IRZ Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISLA112P50IRZ
Szczegółowy opis  12-Bit, 500MSPS A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA112P50IRZ Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISLA112P50IRZ Datasheet HTML 6Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 7Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 8Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 9Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 10Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 11Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 12Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 13Page - Intersil Corporation ISLA112P50IRZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ISLA112P50
10
FN7604.2
August 1, 2011
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -1dBFS,
fIN = 105MHz, fSAMPLE = 500MSPS.
FIGURE 5. SNR AND SFDR vs fIN
FIGURE 6. HD2 AND HD3 vs fIN
FIGURE 7. SNR AND SFDR vs AIN
FIGURE 8. HD2 AND HD3 vs AIN
FIGURE 9. SNR AND SFDR vs fSAMPLE
FIGURE 10. HD2 AND HD3 vs fSAMPLE
40
45
50
55
60
65
70
75
80
85
90
0M
200M
400M
600M
800M
1G
INPUT FREQUENCY (Hz)
SFDR
SNR
-100
-90
-80
-70
-60
-50
-40
0M
200M
400M
600M
800M
1G
INPUT FREQUENCY (Hz)
HD3
HD2
20
30
40
50
60
70
80
90
100
-40
-35
-30
-25
-20
-15
-10
-5
0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
-110
-100
-90
-80
-70
-60
-50
-40
-35
-30
-25
-20
-15
-10
-5
0
INPUT AMPLITUDE (dBFS)
HD2 (dBc)
HD3 (dBc)
HD2 (dBFS)
HD3 (dBFS)
60
65
70
75
80
85
90
95
250
300
350
400
450
500
SAMPLE RATE (MSPS)
SFDR
SNR
40
50
60
70
80
90
100
250
300
350
400
450
500
SAMPLE RATE (MSPS)
HD3
HD2


Podobny numer części - ISLA112P50IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 35P
   12-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50IRZ RENESAS-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
More results

Podobny opis - ISLA112P50IRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
KAD5512P-50 RENESAS-KAD5512P-50 Datasheet
1Mb / 29P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50 Datasheet
432Kb / 26P
   12-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5512P-50 ETC2-KAD5512P-50 Datasheet
664Kb / 28P
   12-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA112P50 INTERSIL-ISLA112P50 Datasheet
1Mb / 35P
   12-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
July 25, 2011
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com