Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA214IR72EV1Z Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISLA214IR72EV1Z
Szczegółowy opis  High Performance 14-Bit, 125MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214IR72EV1Z Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISLA214IR72EV1Z Datasheet HTML 1Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 2Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 3Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 4Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 5Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 6Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA214IR72EV1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2012. All Rights Reserved
Intersil (and design) and FemtoCharge are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
High Performance 14-Bit, 125MSPS ADC
ISLA214P12
The ISLA214P12 is a high performance 14-bit 125MSPS
analog-to-digital converter offering very high dynamic range
and low power consumption. It carries the export control
classification number 3A991.c.3 and can be exported
without a license to most countries, including China and
Russia. It is part of a pin-compatible family of 12- to 16-bit
A/Ds with maximum sample rates ranging from 125 to
500MSPS. This allows a design using the ISLA214P12 to
accommodate any of the other pin-compatible A/Ds with
minimal changes.
The ISLA214P12 is very flexible and can be designed into a wide
variety of systems. A serial peripheral interface (SPI) port allows
access to its extensive configurability as well as provides digital
control over various analog parameters such as input gain and
offset. Digital output data is presented in selectable LVDS or
CMOS formats and can be configured as full-width, single data
rate (SDR) or half-width, double data rate (DDR). Operating from a
1.8V supply, performance is specified over the full industrial
temperature range (-40°C to +85°C).
Applications
• Radar Array Processing
•Software Defined Radio
• Broadband Communications
• High Performance Data Acquisition
• Communications Test Equipment
-
-
-
Features
• License-free Import for most countries including China and
Russia (ECCN 3A991.c.3).
•Multi-ADC Support
- SPI Programmable Fine Gain and Offset Control
- Multiple ADC Synchronization
- Optimized Output Timing
• Clock Duty Cycle Stabilizer
• Nap and Sleep Modes
• Programmable Built-in Test Patterns
• SDR/DDR LVDS-Compatible or LVCMOS Outputs
• Data Output Clock
Key Specifications
• SNR @ 125MSPS
-74.9dBFS fIN= 30MHz
- 70.9dBFS fIN = 363MHz
•SFDR @ 125MSPS
- 88dBc fIN = 30MHz
-84dBc fIN = 363MHz
• Total Power Consumption = 310mW
DIGITAL
ERROR
CORRECTION
VINP
VINN
CLOCK
MANAGEMENT
SHA
14-BIT
125 MSPS
ADC
CLKP
CLKN
SPI
CONTROL
CLKOUTP
CLKOUTN
D[13:0]P
D[13:0]N
+
VCM
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
ISLA216P25
16
250
ISLA216P20
16
200
ISLA216P13
16
130
ISLA214P50
14
500
ISLA214P25
14
250
ISLA214P20
14
200
ISLA214P13
14
130
ISLA212P50
12
500
ISLA212P25
12
250
ISLA212P20
12
200
ISLA212P13
12
130
June 27, 2012
FN7982.2


Podobny numer części - ISLA214IR72EV1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA214IR72EV1Z INTERSIL-ISLA214IR72EV1Z Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214IR72EV1Z INTERSIL-ISLA214IR72EV1Z Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA214IR72EV1Z INTERSIL-ISLA214IR72EV1Z Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA214IR72EV1Z RENESAS-ISLA214IR72EV1Z Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214IR72EV1Z RENESAS-ISLA214IR72EV1Z Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results

Podobny opis - ISLA214IR72EV1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA214P12 INTERSIL-ISLA214P12 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
logo
Renesas Technology Corp
ISLA214P12 RENESAS-ISLA214P12 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5514P-25Q72 INTERSIL-KAD5514P-25Q72 Datasheet
802Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
September 10, 2009
KAD5512HP_0910 INTERSIL-KAD5512HP_0910 Datasheet
932Kb / 34P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
KAD5512HP INTERSIL-KAD5512HP Datasheet
514Kb / 30P
   High Performance 12-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com