Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4930 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części LM4930
Szczegółowy opis  LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM4930 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM4930_15 Datasheet HTML 6Page - Texas Instruments LM4930_15 Datasheet HTML 7Page - Texas Instruments LM4930_15 Datasheet HTML 8Page - Texas Instruments LM4930_15 Datasheet HTML 9Page - Texas Instruments LM4930_15 Datasheet HTML 10Page - Texas Instruments LM4930_15 Datasheet HTML 11Page - Texas Instruments LM4930_15 Datasheet HTML 12Page - Texas Instruments LM4930_15 Datasheet HTML 13Page - Texas Instruments LM4930_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
LM4930
SNAS212C – JULY 2003 – REVISED MAY 2013
www.ti.com
Electrical Characteristics DVDD = 3.3V, AVDD = 5V, RLHP = 32Ω, RLHF = 8Ω
(1)(2)(3) (continued)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA= 25°C.
LM4930
Units
Parameter
Test Conditions
(Limits)
Typ(4)
Limits(5)(6)
SNR
Signal-to-Noise Ratio
Signal = Vo at f = 1kHz @1% THD+N, 32
72
dB
(Voice)
(Voice DAC Path)
Stereo Load; Noise = digital zero, A-
weighted, 0dB gain setting
SNR
Signal-to-Noise Ratio (Music Audio
Signal = Vo at f = 1kHz @1% THD+N, 32
86
dB
(Music)
Path)
Stereo Load; Noise = digital zero, A-
weighted; 0dB gain setting
DR
Dynamic Range (Voice DAC Path)
Signal = Vo at f = 1kHz @1% THD+N, 32
72
dB
(Voice)
Stereo Load; Noise for -60dBFS digital input;
A-weighted; 0dB gain setting
DR
Dynamic Range (Music Audio Path)
Signal = Vo at f=1kHz @1% THD+N, 32
86
dB
(Music)
Stereo Load; Noise for -60dBFS digital input;
A-weighted, 0dB gain setting
SNRADC
Signal-to-Noise Ratio
Reference signal = 0dBFS
75
dB
(Voice ADC Path)
MIC_P, MIC_N terminated with 10
Ω to
ground;
A-weighted; 47dB MIC preamp gain setting
DRADC
Dynamic Range
Reference signal = 0dBFS
75
dB
(Voice ADC Path)
Noise for -60dBFS digital input;
A-weighted; 47dB MIC preamp gain setting
XTALK
Stereo Channel-to-Channel
fS = 48kHz, fIN = 1kHz sinewave at -3dBFS
75
dB
Crosstalk
VMIC-IN
Maximum Differential MIC Input
17dB MIC Preamp gain setting
570
mVP-P
Voltage
RVDAC
Voice DAC Ripple
300Hz - 3.3kHz through head-phone output.
+/-0.15
+/-0.2
dB (max)
RVADC
Voice ADC Ripple
300Hz - 3.3kHz through head-phone output.
+/-0.25
+/-0.3
dB (max)
PBVDAC
Voice DAC Passband
-3dB Point
3.46
kHz
SBAVDAC Voice DAC Stopband Attenuation
Above 4kHz
72
dB
UPBVADC Voice ADC Upper Passband Cutoff
Upper -3dB Point
3.47
kHz
Frequency.
LPBVADC
Voice ADC Lower Passband Cutoff
Lower -3dB Point
0.230
kHz
Frequency.
SBAVADC Voice ADC Stopband Attenuation
Above 4kHz
65
dB
SBANOTC Voice ADC Notch Attenuation
Centered on 55Hz, figure gives worst case
58
dB
H
attenuation for 50Hz & 60Hz.
RDAC
Audio DAC Ripple
20Hz - 20kHz through head-phone output.
+/-0.1
+/-0.2
dB (max)
PBDAC
Audio DAC Passband Width
-3dB point
22.7
kHz
SBADAC
Audio DAC Stopband Attenuation
Above 24kHz
76
dB
DRDAC
Audio DAC Dynamic Range Digital
Signal = VO at f = 1kHz @ 1% THD+N;
97
dB
Filter Section
f = 1kHz; Noise for -60dBFS digital input;
0dB gain; A-weighted
SNRDAC
Audio DAC SNR Digital Filter
Signal = VO at f = 1kHz @ 1% THD+N;
97
dB
Section
f = 1kHz; Noise for -60dBFS digital input;
0dB gain; A-weighted
ΔACH-CH
Stereo Channel-to-Channel Gain
0.3
dB
Mismatch
VIL
Digital Input: Logic Low Voltage
0.4
V
Level
VIH
Digital Input: Logic High Voltage
1.4
V
Level
Volume Control Range (Headphone
Maximum Attenuation
-46.5
dB
amplifiers)
Minimum Attenuation
0
dB
Volume Control Range (Mono
Minimum Gain
-34.5
dB
speaker amplifier)
Maximum Gain
12
dB
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4930


Podobny numer części - LM4930_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results

Podobny opis - LM4930_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com