Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4952 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM4952
Szczegółowy opis  Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM4952 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM4952_15 Datasheet HTML 5Page - Texas Instruments LM4952_15 Datasheet HTML 6Page - Texas Instruments LM4952_15 Datasheet HTML 7Page - Texas Instruments LM4952_15 Datasheet HTML 8Page - Texas Instruments LM4952_15 Datasheet HTML 9Page - Texas Instruments LM4952_15 Datasheet HTML 10Page - Texas Instruments LM4952_15 Datasheet HTML 11Page - Texas Instruments LM4952_15 Datasheet HTML 12Page - Texas Instruments LM4952_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
20
20k
FREQUENCY (Hz)
-100
+0
10k
1k
2k
5k
50 100 200 500
-90
-80
-70
-60
-50
-40
-30
-20
-10
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
6
OUTPUT POWER (W)
0.01
0.1
1
10
0.02
0.2
2
0.05
0.5
5
10m
100m
1
20m
200m
50m
500m
2
5
6
OUTPUT POWER (W)
0.01
0.1
1
10
0.02
0.2
2
0.05
0.5
5
10m
100m
1
20m
200m
50m
500m
2
5
LM4952
www.ti.com
SNAS230A – AUGUST 2004 – REVISED MAY 2013
Typical Performance Characteristics (continued)
AV = 20dB and TA = 25°C, unless otherwise noted.
THD+N vs Output Power
THD+N vs Output Power
VDD = 14V, RL = 4Ω,
VDD = 14V, RL = 8Ω
fIN = 1kHz
fIN = 1kHz
Figure 27.
Figure 28.
Power Supply Rejection vs Frequency
Output Power vs Load Resistance
VDD = 14V, RL = 4Ω
VDD = 15V, fIN = 1kHz,
VRIPPLE = 200mVP-P
at (from top to bottom at 2W):
RL = 4Ω, RL = 8Ω
Figure 29.
Figure 30.
THD+N vs Output Power
THD+N vs Output Power
VDD = 15V, at (from top to bottom at 15Ω):
VDD = 16V, RL = 4Ω,
THD+N = 10%, THD+N = 1%, fIN = 1kHz
fIN = 1kHz
Figure 31.
Figure 32.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4952


Podobny numer części - LM4952_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4952TS NSC-LM4952TS Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
More results

Podobny opis - LM4952_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4952 NSC-LM4952 Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
SamHop Microelectronics...
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com