Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21070CIH325Z-TK Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL21070CIH325Z-TK
Szczegółowy opis  25µA Micropower Voltage References
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH325Z-TK Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL21070CIH325Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL21070
6
FN7599.3
September 3, 2015
Submit Document Feedback
FIGURE 8. LINE TRANSIENT RESPONSE, WITH NO CAPACITIVE LOAD
FIGURE 9. LOAD REGULATION OVER-TEMPERATURE
FIGURE 10. LOAD TRANSIENT RESPONSE
FIGURE 11. LOAD TRANSIENT RESPONSE
FIGURE 12. DROPOUT
FIGURE 13. TURN-ON TIME
Typical Performance Characteristics Curves
VOUT = 2.5V, VIN = 3V, IOUT = 0mA, TA = +25°C unless otherwise specified. (Continued)
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
50
100 150 200
250 300 350 400 450 500
TIME (µs)
VIN = -0.3V
VIN = +0.3V
-100
-80
-60
-40
-20
0
20
40
60
80
100
-10-9-8 -7 -6-5 -4-3-2-1 0
10
LOAD (mA)
SINKING
SOURCING
12345 6789
+25°C
-40°C
-85°C
-500
-400
-300
-200
-100
0
100
200
300
400
500
0
20
40
60
80
100 120 140 160 180 200
TIME (µs)
ILOAD = -10mA
ILOAD = +10mA
-200
-160
-120
-80
-40
0
40
80
120
160
200
0
20
40
60
80
100 120 140 160 180 200
TIME (µs)
ILOAD = -50mA
ILOAD = +50mA
2.490
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
2.508
2.510
2.4 2.5 2.6 2.7 2.8 2.9 3.03.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0
VIN (V)
NO LOAD
10mA LOAD
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
300
TIME (µs)
TYP
LOW
HIGH
VDD


Podobny numer części - ISL21070CIH325Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Renesas Technology Corp
ISL21070CIH325Z-TK RENESAS-ISL21070CIH325Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
More results

Podobny opis - ISL21070CIH325Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com