Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL26712IRTZ Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL26712IRTZ
Szczegółowy opis  12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26712IRTZ Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL26712IRTZ Datasheet HTML 2Page - Intersil Corporation ISL26712IRTZ Datasheet HTML 3Page - Intersil Corporation ISL26712IRTZ Datasheet HTML 4Page - Intersil Corporation ISL26712IRTZ Datasheet HTML 5Page - Intersil Corporation ISL26712IRTZ Datasheet HTML 6Page - Intersil Corporation ISL26712IRTZ Datasheet HTML 7Page - Intersil Corporation ISL26712IRTZ Datasheet HTML 8Page - Intersil Corporation ISL26712IRTZ Datasheet HTML 9Page - Intersil Corporation ISL26712IRTZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ISL26712, ISL26710, ISL26708
6
FN7999.3
September 5, 2012
GAIN Positive Gain Error
± REF input range
-2
±0.1
2-1
±0.1
1
-0.75
±0.04
0.75
LSB
Negative Gain Error
-2
±0.1
2-1
±0.1
1
-0.75
±0.04
0.75
LSB
ANALOG INPUT (Note 11)
|AIN| Full-Scale Input Span
2 x VREF
(AIN+) – (AIN–)
(AIN+) – (AIN–)
(AIN+) – (AIN–)
V
AIN+,
AIN–,
Absolute Input Voltage Range
AIN+
VCM = VREF
VCM±VREF/2
VCM±VREF/2
VCM±VREF/2
V
AIN–
VCM± VREF/2
VCM± VREF/2
VCM± VREF/2
V
ILEAK Input DC Leakage
Current
-1
1
-1
1
-1
1
µA
CVIN Input Capacitance
Track/Hold mode
13/5
13/5
13/5
pF
REFERENCE INPUT
VREF VREF Input Voltage
Range
VDD = 3V (1% tolerance
for specified
performance)
2.0
2.0
2.0
V
VDD = 5V (1% tolerance
for specified
performance)
2.5
2.5
2.5
V
ILEAK DC Leakage Current
-1
1
-1
1
-1
1
µA
CREF VREF Input Capacitance Track/Hold mode
21/18.5
21/18.5
21/18.5
pF
LOGIC INPUTS
VIH
Input High Voltage
2.4
2.4
2.4
V
VIL
Input Low Voltage
0.8
0.8
0.8
V
ILEAK Input Leakage Current
-1
1
-1
1
-1
1
µA
CIN
Input Capacitance
10
10
10
pF
LOGIC OUTPUTS
VOH Output High Voltage
ISOURCE = 200µA
VDD - 0.3
VDD - 0.3
VDD - 0.3
V
VOL Output Low Voltage
ISINK = 200µA
0.4
0.4
0.4
V
IOZ
Floating-State Output
Current
-1
1
-1
1
-1
1
µA
COUT Floating-State
Output Capacitance
10
10
10
pF
Output Coding
Two’s Complement
CONVERSION RATE
tCONV Conversion Time
FSCLK = 18MHz
888
888
888
ns
tACQ Acquisition Time
FSCLK = 18MHz
200
200
200
ns
Fmax Throughput Rate
1000
1000
1000
kSPS
POWER REQUIREMENTS
VDD Positive Supply Voltage
Range
2.73.6
2.73.6
2.7
3.6
V
4.75
5.25
4.75
5.25
4.75
5.25
V
Electrical Specifications VDD = +3.0V to +3.6V, FSCLK = 18MHz, FS = 1MSPS, VREF = 2.0V; VDD = +4.75V to +5.25V, FSCLK = 18MHz,
FS =1MSPS, VREF = 2.5V; VCM = VREF, unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
ISL26712
ISL26710
ISL26708
UNITS
MIN
(Note 10)
TYP
MAX
(Note 10)
MIN
(Note 10)
TYP
MAX
(Note 10)
MIN
(Note 10)
TYP
MAX
(Note 10)


Podobny numer części - ISL26712IRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712IRTZ RENESAS-ISL26712IRTZ Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ-T INTERSIL-ISL26712IRTZ-T Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712IRTZ-T RENESAS-ISL26712IRTZ-T Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ-T7A INTERSIL-ISL26712IRTZ-T7A Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results

Podobny opis - ISL26712IRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Linear Technology
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com