Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL267452IHZ-T Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL267452IHZ-T
Szczegółowy opis  12-Bit, 555kSPS SAR ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267452IHZ-T Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL267452IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 12Page - Intersil Corporation ISL267452IHZ-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ISL267452
9
FN8255.0
July 26, 2012
FIGURE 11. TYPICAL INL FOR THE ISL267452 FOR VDD = 5V
FIGURE 12. CHANGE IN DNL vs VREF FOR THE ISL267452 FOR
VDD = 5V
FIGURE 13. CHANGE IN INL vs VREF FOR THE ISL267452 FOR
VDD = 3V
FIGURE 14. CHANGE IN DNL vs VREF FOR THE ISL267452 FOR
VDD = 3V
FIGURE 15. CHANGE IN OFFSET ERROR vs REFERENCE VOLTAGE
FOR VDD = 5V AND 3V FOR THE ISL267452
FIGURE 16. CHANGE IN INL vs VREF FOR THE ISL267452 FOR
VDD = 5V
Typical Performance Characteristics (Continued)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
1024
2048
3072
4096
CODE
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
Neg DNL
Pos DNL
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
VREF (V)
NEG INL
POS INL
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
VREF (V)
NEG DNL
POS DNL
-2
-1
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
3V
5V
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
NEG INL
POS INL


Podobny numer części - ISL267452IHZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452IHZ-T RENESAS-ISL267452IHZ-T Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T7A INTERSIL-ISL267452IHZ-T7A Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452IHZ-T7A RENESAS-ISL267452IHZ-T7A Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
More results

Podobny opis - ISL267452IHZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL2671286 INTERSIL-ISL2671286 Datasheet
641Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com