Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL267817IUZ Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL267817IUZ
Szczegółowy opis  12-Bit Differential Input 200kSPS SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267817IUZ Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL267817IUZ Datasheet HTML 4Page - Intersil Corporation ISL267817IUZ Datasheet HTML 5Page - Intersil Corporation ISL267817IUZ Datasheet HTML 6Page - Intersil Corporation ISL267817IUZ Datasheet HTML 7Page - Intersil Corporation ISL267817IUZ Datasheet HTML 8Page - Intersil Corporation ISL267817IUZ Datasheet HTML 9Page - Intersil Corporation ISL267817IUZ Datasheet HTML 10Page - Intersil Corporation ISL267817IUZ Datasheet HTML 11Page - Intersil Corporation ISL267817IUZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL267817
8
FN7877.2
April 19, 2012
Typical Performance Characteristics T
A = +25°C, VCC = 5V, VREF = 2.5V, fSAMPLE = 200kHz,
fCLK =16*fSAMPLE, unless otherwise specified.
FIGURE 6. CHANGE IN OFFSET vs REFERENCE VOLTAGE
FIGURE 7. CHANGE IN OFFSET vs TEMPERATURE
FIGURE 8. CHANGE IN GAIN vs REFERENCE VOLTAGE
FIGURE 9. CHANGE IN GAIN vs TEMPERATURE
FIGURE 10. EFFECTIVE NUMBER OF BITS vs REFERENCE VOLTAGE
FIGURE 11. POWER SUPPLY REJECTION vs RIPPLE FREQUENCY
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
REFERENCE VOLTAGE (V)
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
-50
-30
-10
10
30
507090
TEMPERATURE (°C)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
REFERENCE VOLTAGE (V)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-50
-30
-10
1030
507090
TEMPERATURE (°C)
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0.1
1.0
10.0
REFERENCE VOLTAGE (V)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1k
RIPPLE FREQUENCY (Hz)


Podobny numer części - ISL267817IUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267817IUZ INTERSIL-ISL267817IUZ Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817IUZ RENESAS-ISL267817IUZ Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
More results

Podobny opis - ISL267817IUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com