Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL267817IUZ Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL267817IUZ
Szczegółowy opis  12-Bit Differential Input 200kSPS SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267817IUZ Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL267817IUZ Datasheet HTML 6Page - Intersil Corporation ISL267817IUZ Datasheet HTML 7Page - Intersil Corporation ISL267817IUZ Datasheet HTML 8Page - Intersil Corporation ISL267817IUZ Datasheet HTML 9Page - Intersil Corporation ISL267817IUZ Datasheet HTML 10Page - Intersil Corporation ISL267817IUZ Datasheet HTML 11Page - Intersil Corporation ISL267817IUZ Datasheet HTML 12Page - Intersil Corporation ISL267817IUZ Datasheet HTML 13Page - Intersil Corporation ISL267817IUZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL267817
10
FN7877.2
April 19, 2012
FIGURE 18. DIFFERENTIAL LINEARITY ERROR vs CODE
FIGURE 19. CHANGE IN INTEGRAL LINEARITY AND DIFFERENTIAL
LINEARITY vs REFERENCE VOLTAGE
FIGURE 20. INPUT LEAKAGE CURRENT vs TEMPERATURE
FIGURE 21. SUPPLY CURRENT vs TEMPERATURE
FIGURE 22. POWER DOWN SUPPLY CURRENT vs TEMPERATURE
FIGURE 23. REFERENCE CURRENT vs SAMPLE RATE
(CODE = FF8h)
Typical Performance Characteristics T
A = +25°C, VCC = 5V, VREF = 2.5V, fSAMPLE = 200kHz,
fCLK =16*fSAMPLE, unless otherwise specified. (Continued)
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
0
512
1024 1536 2048 2560 3072 3584 4096
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
1.00
1.25
1.50
1.75
2.00
2.25
2.50
REFERENCE VOLTAGE (V)
CHANGE IN INTEGRAL
LINEARITY (LSB)
CHANGE IN DIFFERENTIAL
LINEARITY (LSB)
0.01
0.1
1
10
-50
-25
0
25
50
75
100
TEMPERATURE (°C)
300
350
400
450
500
550
600
-50
-25
0
255075
100
TEMPERATURE (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
TEMPERATURE (°C)
0
5
10
15
20
080
160
SAMPLE RATE (kHz)


Podobny numer części - ISL267817IUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267817IUZ INTERSIL-ISL267817IUZ Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817IUZ RENESAS-ISL267817IUZ Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
More results

Podobny opis - ISL267817IUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com