Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL267440IHZ-T7A Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL267440IHZ-T7A
Szczegółowy opis  10-Bit and 12-Bit, 1MSPS SAR ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267440IHZ-T7A Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL267440IHZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL267440IHZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL267440IHZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL267440IHZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL267440IHZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL267440IHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL267440IHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL267440IHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL267440IHZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISL267440, ISL267450A
3
FN7708.2
June 28, 2012
Ordering Information
PART NUMBER
(Note 4)
PART
MARKING
VDD RANGE
(V)
TEMP RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL267440IUZ (Note 3)
67440
2.7 to 5.25
-40 to +85
8 Ld MSOP
M8.118
ISL267440IUZ-T (Notes 1, 3)
67440
2.7 to 5.25
-40 to +85
8 Ld MSOP
M8.118
ISL267440IUZ-T7A (Notes 1, 3)
67440
2.7 to 5.25
-40 to +85
8 Ld MSOP
M8.118
ISL267450AIUZ (Note 3)
7450A
2.7 to 5.25
-40 to +85
8 Ld MSOP
M8.118
ISL267450AIUZ -T (Notes 1, 3)
7450A
2.7 to 5.25
-40 to +85
8 Ld MSOP
M8.118
ISL267450AIUZ -T7A (Notes 1, 3)
7450A
2.7 to 5.25
-40 to +85
8 Ld MSOP
M8.118
ISL267440IHZ-T (Notes 1, 2)
7440 (Note 5)
2.7 to 5.25
-40 to +85
8 Ld SOT-23
P8.064
ISL267440IHZ-T7A (Notes 1, 2)
7440 (Note 5)
2.7 to 5.25
-40 to +85
8 Ld SOT-23
P8.064
ISL267450AIHZ-T (Notes 1, 2)
450A (Note 5)
2.7 to 5.25
-40 to +85
8 Ld SOT-23
P8.064
ISL267450AIHZ-T7A (Notes 1, 2)
450A (Note 5)
2.7 to 5.25
-40 to +85
8 Ld SOT-23
P8.064
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate
-e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL267440 or ISL267450A. For more information on MSL please see
techbrief TB363.
5. The part marking is located on the bottom of the part.


Podobny numer części - ISL267440IHZ-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267440IHZ-T7A INTERSIL-ISL267440IHZ-T7A Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440IHZ-T7A RENESAS-ISL267440IHZ-T7A Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

Podobny opis - ISL267440IHZ-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com