Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2000D1TPWRG4Q1 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2000D1TPWRG4Q1
Szczegółowy opis  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1TPWRG4Q1 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPA2000D1TPWRG4Q1 Datasheet HTML 2Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 3Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 4Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 5Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 6Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 9Page - Texas Instruments TPA2000D1TPWRG4Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TYPICAL CHARACTERISTICS
Test Setup for Graphs
EFFICIENCY
vs
OUTPUT POWER
50
30
20
0
0
0.5
1
1.5
2
70
80
100
2.5
3
3.5
10
40
60
90
PO − Output Power − W
RL = 3 Ω, 33 µH
Class-AB,
RL = 4 Ω
RL = 4 Ω, 33 µH
RL = 8 Ω, 33 µH
TPA2000D1-Q1
SGLS137E – SEPTEMBER 2002 – REVISED OCTOBER 2008 ........................................................................................................................................ www.ti.com
Table of Graphs
FIGURE
η
Efficiency
vs Output power
1
FFT at 1.5-W output power
vs Frequency
2
vs Output power
3, 4, 5
THD+N
Total harmonic distortion + noise
vs Frequency
6, 7
kSVR
Supply ripple rejection ratio
vs Frequency
8
The THD+N measurements shown do not use an LC output filter, but do use a 100-
Ω 0.047-
µF RC low-pass
filter with a cutoff frequency of ~30 kHz before the audio analyzer, so the switching frequency does not dominate
the measurement. This is done to ensure that the THD+N measured is just the audible THD+N. The THD+N
measurements are shown at the highest gain for worst case. The efficiency was measured with no filters and a
3-
Ω, 4-Ω, or 8-Ω resistor in series with a 33-
µH inductor as the load.
Figure 1.
6
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2000D1-Q1


Podobny numer części - TPA2000D1TPWRG4Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2000D1TPWRQ1 TI-TPA2000D1TPWRQ1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA2000D1TPWRG4Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_06 Datasheet
267Kb / 20P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com