Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2006D1 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TPA2006D1
Szczegółowy opis  TPA2006D1 1.45-W MONO Filter-free Class-D Audio Power Amplifier with 1.8-V Compatible Input Thresholds
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2006D1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA2006D1_15 Datasheet HTML 1Page - Texas Instruments TPA2006D1_15 Datasheet HTML 2Page - Texas Instruments TPA2006D1_15 Datasheet HTML 3Page - Texas Instruments TPA2006D1_15 Datasheet HTML 4Page - Texas Instruments TPA2006D1_15 Datasheet HTML 5Page - Texas Instruments TPA2006D1_15 Datasheet HTML 6Page - Texas Instruments TPA2006D1_15 Datasheet HTML 7Page - Texas Instruments TPA2006D1_15 Datasheet HTML 8Page - Texas Instruments TPA2006D1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
_
+
PWM
H-
IN-
Bridge
VO+
VO-
Internal
Oscillator
CS
To Battery
VDD
GND
Bias
Circuitry
RI
RI
+
-
Differential
Input
TPA2006D1
SHUTDOWN
IN+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPA2006D1
SLOS498B – SEPTEMBER 2006 – REVISED SEPTEMBER 2015
TPA2006D1 1.45-W MONO Filter-free Class-D Audio Power Amplifier with 1.8-V
Compatible Input Thresholds
1 Features
2 Applications
Ideal for Wireless or Cellular Handsets and PDAs
1
Maximum Battery Life and Minimum Heat
Efficiency With an 8-
Ω Speaker:
3 Description
88% at 400 mW
The TPA2006D1 device is a 1.45-W high efficiency
80% at 100 mW
filter-free class-D audio power amplifier in a 3 mm × 3
mm VSON package that requires only three external
2.8-mA Quiescent Current
components. The SHUTDOWN pin is fully compatible
0.5-
μA Shutdown Current
with 1.8-V logic GPIO, such as are used on low-
SHUTDOWN Pin has 1.8-V Compatible
power cellular chipsets.
Thresholds
Features
like
88%
efficiency,
–75-dB
PSRR,
Capable of Driving an
improved RF-rectification immunity, and small total
8-
Ω Speaker (2.5 V ≤ VDD ≤ 5.5 V) and a
PCB footprint make the TPA2006D1 device ideal for
4-
Ω Speaker (2.5 V ≤ VDD ≤ 4.2 V)
cellular handsets. A fast start-up time of 1 ms with
minimal pop makes the TPA2006D1 device ideal for
Only Three External Components
PDA applications.
Optimized PWM Output Stage Eliminates LC
In cellular handsets, the earpiece, speaker phone,
Output Filter
and melody ringer can each be driven by the
Internally Generated 250-kHz Switching
TPA2006D1 device. The TPA2006D1 device allows
Frequency Eliminates Capacitor and Resistor
independent
gain
while
summing
signals
from
Improved PSRR (–75 dB) and Wide Supply
separate sources, and has a low 36-
μV noise floor,
Voltage (2.5 V to 5.5 V) Eliminates Need for a
A-weighted.
Voltage Regulator
The TPA2006D1 device has short-circuit and thermal
Fully Differential Design Reduces RF
protection.
Rectification and Eliminates Bypass Capacitor
Device Information(1)
Improved CMRR Eliminates Two Input
Coupling Capacitors
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA2006D1
VSON (8)
3.00 mm ×3.00 mm
Space-Saving 3 mm x 3 mm VSON Package
(DRB)
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - TPA2006D1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2006D1DRB TI-TPA2006D1DRB Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBR TI-TPA2006D1DRBR Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBR TI1-TPA2006D1DRBR Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
TPA2006D1DRBRG4 TI-TPA2006D1DRBRG4 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA2006D1DRBRG4 TI1-TPA2006D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   MONO Filter-free Class-D Audio Power Amplifier
More results

Podobny opis - TPA2006D1_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2006D1 TI-TPA2006D1 Datasheet
914Kb / 23P
[Old version datasheet]   1.45-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER WITH 1.8-V COMPATIBLE INPUT THRESHOLDS
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com