Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM137HVQML Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LM137HVQML
Szczegółowy opis  LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM137HVQML Arkusz danych(HTML) 4 Page - Texas Instruments

  LM137HVQML_15 Datasheet HTML 1Page - Texas Instruments LM137HVQML_15 Datasheet HTML 2Page - Texas Instruments LM137HVQML_15 Datasheet HTML 3Page - Texas Instruments LM137HVQML_15 Datasheet HTML 4Page - Texas Instruments LM137HVQML_15 Datasheet HTML 5Page - Texas Instruments LM137HVQML_15 Datasheet HTML 6Page - Texas Instruments LM137HVQML_15 Datasheet HTML 7Page - Texas Instruments LM137HVQML_15 Datasheet HTML 8Page - Texas Instruments LM137HVQML_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM137HVQML
SNVS314A – DECEMBER 2010 – REVISED APRIL 2013
www.ti.com
LM137HVH
883 Electrical Characteristics AC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIN = -6.25V, VO = VRef, f = 120Hz,
RR
Ripple Rejection
See(1)(2)
66
dB
4, 5, 6
eI = 1VRMS, IL = 125mA
(1)
Tested at +25°C, specified, but not tested at +125°C and
−55°C
(2)
Bench test per (SG)RPI-3–362 Use TDN 70256657 (NSSG)
LM137HVK
883 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. VIN = −40V, IL = 8.0mA, VO = VRef = −1.25V (nominal)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
1.272
-1.23
V
1
VIN = -4.25V
-1.28
-1.225
V
2, 3
VRef
Reference Voltage
VIN = -42V
-1.272
-1.23
V
1
VIN = -41.3V
-1.28
-1.225
V
2, 3
-42V
≤ VIN ≤ -4.25V
9.4
mV
1
RLine
Line Regulation
-41.3V
≤ VIN ≤ -4.25V
9.4
mV
2, 3
VIN = -54V, 10mA ≤ IO ≤ 110mA
-25
25
mV
1
RLoad
Load Regulation
VIN = -6.25V, 8mA ≤ IO ≤ 1.5A
-25
25
mV
1, 2, 3
IO = 1.5A, VIN = -14.5V,
VRth
Thermal Regulation
-5.0
5.0
mV
1
t = 10mS
VIN = -42V
100
µA
1
VIN = -41.3V
100
µA
2, 3
IAdj
Adjustment Pin Current
VIN = -4.25V
100
µA
1, 2, 3
VIN = -54V
100
µA
1
-42V
≤ VIN ≤ -4.25V
-5.0
5.0
µA
1
-41.3V
≤ VIN ≤ -4.25V
-5.0
5.0
µA
2, 3
ΔIAdj
Adjustment Pin Current Change
-54V
≤ VIN ≤ -4.25V
-6.0
6.0
µA
1
VIN = -6.25V, 8mA ≤ IO ≤ 1.5A
-5.0
5.0
µA
1, 2, 3
VO = 1.7V, VIN = -4.25V
3.0
mA
1, 2, 3
VO = -1.7V, VIN = -11.75V
3.0
mA
1, 2, 3
IQ
Minimum Load Current
VO = -1.7V, VIN = -42V
5.0
mA
1
VO = -1.7V, VIN = -41.3V
5.0
mA
2, 3
-2.85
-1.6
A
1
VIN = -5V
ISC
Short Circuit
-3.5
-1.6
A
2, 3
VIN = -51.25V
See(1)
-0.8
-0.2
A
1
(1)
Specified parameter not tested.
LM137HVK
883 Electrical Characteristics AC Parameters:
The following conditions apply, unless otherwise specified. VIN = −40V, IL = 8.0mA, VO = VRef = −1.25V (nominal)
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VIN = -6.25V, VO = VRef,
RR
Ripple Rejection
f = 120Hz, ein = 1V RMS,
See(1)(2)
66
dB
4, 5, 6
IL = 0.5A
(1)
Tested at +25°C, specified, but not tested at +125°C and
−55°C
(2)
Bench test per (SG)RPI-3–362 Use TDN 70256657 (NSSG)
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM137HVQML


Podobny numer części - LM137HVQML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM137HVQML TI1-LM137HVQML Datasheet
381Kb / 16P
[Old version datasheet]   LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
More results

Podobny opis - LM137HVQML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM137HVQML TI1-LM137HVQML Datasheet
381Kb / 16P
[Old version datasheet]   LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com