Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM137HVQML Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM137HVQML
Szczegółowy opis  LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM137HVQML Arkusz danych(HTML) 1 Page - Texas Instruments

  LM137HVQML_15 Datasheet HTML 1Page - Texas Instruments LM137HVQML_15 Datasheet HTML 2Page - Texas Instruments LM137HVQML_15 Datasheet HTML 3Page - Texas Instruments LM137HVQML_15 Datasheet HTML 4Page - Texas Instruments LM137HVQML_15 Datasheet HTML 5Page - Texas Instruments LM137HVQML_15 Datasheet HTML 6Page - Texas Instruments LM137HVQML_15 Datasheet HTML 7Page - Texas Instruments LM137HVQML_15 Datasheet HTML 8Page - Texas Instruments LM137HVQML_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM137HVQML
www.ti.com
SNVS314A – DECEMBER 2010 – REVISED APRIL 2013
LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
Check for Samples: LM137HVQML
1
FEATURES
DESCRIPTION
The LM137HV is an adjustable 3-terminal negative
2
Output Voltage Adjustable from
−47V to −1.2V
voltage regulator capable of supplying in excess of
1.5A Output Current Specified,
−55°C ≤ TJ
−1.5A over an output voltage range of −47V to −1.2V.
+150°C
This regulators is exceptionally easy to apply,
Line Regulation Typically 0.01%/V
requiring only 2 external resistors to set the output
voltage
and
1
output
capacitor
for
frequency
Load Regulation Typically 0.3%
compensation. The circuit design has been optimized
Excellent Thermal Regulation, 0.002%/W
for excellent regulation and low thermal transients.
77 dB Ripple Rejection
Further,
the
LM137HV
features
internal
current
limiting,
thermal
shutdown
and
safe-area
Excellent Rejection of Thermal Transients
compensation, making them virtually blowout-proof
50 ppm/°C Temperature Coefficient
against overloads.
Temperature-Independent Current Limit
The LM137HV serves a wide variety of applications
Internal Thermal Overload Protection
including local on-card regulation, programmable-
Standard 3-Lead Transistor Package
output
voltage
regulation
or
precision
current
regulation. The LM137HV is an ideal complement to
Output Short Circuit Protected
the LM117HV adjustable positive regulator.
Connection Diagrams
See Physical Dimensions section for further information
Figure 1. TO Package – Bottom View
Figure 2. TO-3 Package (Bottom View)
See Package Number NDT0003A
See Package Number K
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM137HVQML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM137HVQML TI1-LM137HVQML Datasheet
381Kb / 16P
[Old version datasheet]   LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
More results

Podobny opis - LM137HVQML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM137HVQML TI1-LM137HVQML Datasheet
381Kb / 16P
[Old version datasheet]   LM137HVQML 3-Terminal Adjustable Negative Regulators (High Voltage)
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com