Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM140QML Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM140QML
Szczegółowy opis  LM140QML Three Terminal Positive Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM140QML Arkusz danych(HTML) 1 Page - Texas Instruments

  LM140QML_15 Datasheet HTML 1Page - Texas Instruments LM140QML_15 Datasheet HTML 2Page - Texas Instruments LM140QML_15 Datasheet HTML 3Page - Texas Instruments LM140QML_15 Datasheet HTML 4Page - Texas Instruments LM140QML_15 Datasheet HTML 5Page - Texas Instruments LM140QML_15 Datasheet HTML 6Page - Texas Instruments LM140QML_15 Datasheet HTML 7Page - Texas Instruments LM140QML_15 Datasheet HTML 8Page - Texas Instruments LM140QML_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM140QML
www.ti.com
SNVS382B – FEBRUARY 2006 – REVISED MAY 2013
LM140QML Three Terminal Positive Regulators
Check for Samples: LM140QML
1
FEATURES
DESCRIPTION
The monolithic 3-terminal positive voltage regulators
2
Complete Specifications at 1.0A and 0.5A
employ internal current-limiting, thermal shutdown
Loads
and
safe-area
compensation,
making
them
No External Components
essentially indestructible. If adequate heat sinking is
Internal Thermal Overload Protection
provided, they can deliver over 0.5A output current.
They are intended as fixed voltage regulators in a
Internal Short Circuit Current-Limiting
wide range of applications including local (on-card)
Output Transistor Safe-Area Compensation
regulation for elimination of noise and distribution
problems associated with single-point regulation. In
addition to use as fixed voltage regulators, these
devices can be used with external components to
obtain adjustable output voltages and currents.
Considerable effort was expended to make the entire
series of regulators easy to use and minimize the
number of external components. It is not necessary to
bypass the output, although this does improve
transient response. Input bypassing is needed only if
the regulator is located far from the filter capacitor of
the power supply.
Connection Diagram
Figure 1. Steel Metal Can TO-39 Package (NDT)
Figure 2. TO-3 Metal Can (K)
Bottom View
Bottom View
See Package Number NDT0003A
See Package Number K0002C
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM140QML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM140QML TI1-LM140QML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
More results

Podobny opis - LM140QML_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM140H-5.0/883 TI1-LM140H-5.0/883 Datasheet
221Kb / 14P
[Old version datasheet]   LM140QML Three Terminal Positive Regulators
logo
National Semiconductor ...
LM140JAN NSC-LM140JAN Datasheet
535Kb / 12P
   Three Terminal Positive Regulators
logo
Toshiba Semiconductor
TA78L005AP TOSHIBA-TA78L005AP_06 Datasheet
674Kb / 22P
   Three-Terminal Positive Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com