Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF135SA204 Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRF135SA204
Szczegółowy opis  Synchronous rectifier applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF135SA204 Arkusz danych(HTML) 4 Page - International Rectifier

  IRF135SA204 Datasheet HTML 1Page - International Rectifier IRF135SA204 Datasheet HTML 2Page - International Rectifier IRF135SA204 Datasheet HTML 3Page - International Rectifier IRF135SA204 Datasheet HTML 4Page - International Rectifier IRF135SA204 Datasheet HTML 5Page - International Rectifier IRF135SA204 Datasheet HTML 6Page - International Rectifier IRF135SA204 Datasheet HTML 7Page - International Rectifier IRF135SA204 Datasheet HTML 8Page - International Rectifier IRF135SA204 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
September 17, 2015
IRG5K50P5K50PM06E
IRF135SA204
Fig 6. Normalized On-Resistance vs. Temperature
Fig 5. Typical Transfer Characteristics
Fig 4. Typical Output Characteristics
Fig 3. Typical Output Characteristics
Fig 7. Typical Capacitance vs. Drain-to-Source Voltage
Fig 8. Typical Gate Charge vs.Gate-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
 60µs PULSE WIDTH
Tj = 25°C
4.0V
VGS
TOP
15V
10V
6.0V
5.5V
5.0V
4.5V
4.3V
BOTTOM
4.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
 60µs PULSE WIDTH
Tj = 175°C
4.0V
VGS
TOP
15V
10V
6.0V
5.5V
5.0V
4.5V
4.3V
BOTTOM
4.0V
2.0
3.0
4.0
5.0
6.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
VDS = 50V
 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ID = 96A
VGS = 10V
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
50
100
150
200
250
300
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= 108V
VDS= 68V
VDS= 27V
ID= 96A


Podobny numer części - IRF135SA204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
IRF135SA204 INFINEON-IRF135SA204 Datasheet
525Kb / 12P
   HEXFET짰 Power MOSFET
2017-05-12
More results

Podobny opis - IRF135SA204

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7480MTRPBF IRF-IRF7480MTRPBF Datasheet
518Kb / 12P
   Synchronous rectifier applications
logo
Unisonic Technologies
USR5VA10 UTC-USR5VA10 Datasheet
195Kb / 5P
   SYNCHRONOUS RECTIFIER
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Texas Instruments
UCC3895EVM TI-UCC3895EVM Datasheet
1Mb / 19P
[Old version datasheet]   Using the UCC3895 in a Direct Control Driven Synchronous Rectifier Applications
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
SYNC POWER Crop.
SP6003A SYNC-POWER-SP6003A Datasheet
196Kb / 7P
   Synchronous Rectifier Driver
logo
Diodes Incorporated
ZXGD3101N8 DIODES-ZXGD3101N8 Datasheet
372Kb / 14P
   SYNCHRONOUS RECTIFIER CONTROLLER
logo
SYNC POWER Crop.
SP6012 SYNC-POWER-SP6012 Datasheet
222Kb / 7P
   Synchronous Rectifier Driver
logo
Eutech Microelectronics...
EUP9290 EUTECH-EUP9290 Datasheet
90Kb / 1P
   Synchronous Rectifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com