Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM39R16A3 Arkusz danych(PDF) 11 Page - SyncMOS Technologies,Inc

Numer części SM39R16A3
Szczegółowy opis  16KB on-chip program memory
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM39R16A3 Arkusz danych(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM39R16A3 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM39R16A3 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM39R16A3 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM39R16A3 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM39R16A3 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM39R16A3 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM39R16A3 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM39R16A3 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM39R16A3 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
SM39R16A3
8-Bit Micro-controller
with 16KB ISP Flash
& 512B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M065
Ver F SM39R16A3 06/30/2015
- 11 -
Register
Location
Reset value
Description
RSTS
A1h
00h
Reset status register
LVC
E6h
20h
Low voltage control register
SWRES
E7h
00h
Software Reset register
TAKEY
F7h
00h
Time Access Key register
SPI
AUX
91h
00h
Auxiliary register
SPIC1
F1h
08h
SPI control register 1
SPIC2
F2h
00h
SPI control register 2
SPITXD
F3h
00h
SPI transmit data buffer
SPIRXD
F4h
00h
SPI receive data buffer
SPIS
F5h
40h
SPI status register
IIC
AUX
91h
00h
Auxiliary register
IICS
F8h
00h
IIC status register
IICCTL
F9h
04h
IIC control register
IICA1
FAh
A0h
IIC channel 1 Address 1 register
IICA2
FBh
60h
IIC channel 1 Address 2 register
IICRWD
FCh
00h
IIC channel 1 Read / Write Data buffer
IICEBT
FDh
00h
IIC Enable Bus Transaction register
OPA
OPPIN
F6h
00H
Comparator Pin Select register
CMP0CON
FEh
00h
Comparator 0 Control register
CMP1CON
FFh
00h
Comparator 1 Control register


Podobny numer części - SM39R16A3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM39R16A2 SYNCMOS-SM39R16A2 Datasheet
906Kb / 82P
   Dual 16-bit Data Pointers
SM39R16A6 SYNCMOS-SM39R16A6 Datasheet
1Mb / 91P
   Additional Baud Rate Generator for Serial port
More results

Podobny opis - SM39R16A3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
   4K Bytes on-chip flash program memory
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
   64K bytes On-chip Flash Program/Data Memory
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
   On-chip Flash program memory with in-system programming
logo
Maxim Integrated Produc...
DS1995 MAXIM-DS1995 Datasheet
45Kb / 2P
   16Kb Memory iButton
Rev 8/09
logo
List of Unclassifed Man...
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
   16Kb FRAM Serial Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
   16Kb FRAM Serial Memory
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
   16Kb Add-Only Memory
071107
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
   16Kb FRAM Serial Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com