Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5953 Arkusz danych(PDF) 3 Page - SyncMOS Technologies,Inc

Numer części SM5953
Szczegółowy opis  Six interrupt sources with two priority levels
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5953 Arkusz danych(HTML) 3 Page - SyncMOS Technologies,Inc

  SM5953 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5953 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
SM5953
8-Bit Micro-controller
15KB with ISP Flash
& 256B RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M074
Ver D SM5953 04/16/2015
- 3 -
Product List
SM5953W40PP,
SM5953W44JP,
SM5953W44QP,
Description
The SM5953 series product is an 8 - bit single chip
micro controller with 15KB flash & 256 bytes SRAM
embedded. It has In-System
Programming (ISP)
function and is a derivative of the 8052 micro controller
family.
SM5953 is a versatile and cost effective controller for
those applications which demand up to 32 I/O pins, or
applications which need up to 15K byte flash memory
either for program or for data or mixed.
To program the on-chip flash memory, a commercial
writer is available to do it in parallel programming
method.
The
on-chip
flash
memory
can
be
programmed in either parallel or serial interface with its
ISP feature.
Ordering Information
SM5953ihhkL YWW
i: process identifier { W = 2.4V ~ 5.5V}
hh: pin count
k: package type postfix {as table below }
L:PB Free identifier
{No text is Non-PB free,”P” is PB free}
Y: year
WW: week
Postfix
Package
P
PDIP
J
PLCC
Q
PQFP
Features
Main Flash ROM 15KB
Working voltage 2.4V~5.5V runs up to
40MHz
General 8052 family compatible with 12
clocks in one machine cycle
6 clocks in one machine cycle is also
supported
256 bytes SRAM as standard 8052.
16-bit Data Pointers (DPTR).
One serial peripheral interfaces in full duplex
mode (UART).
-
Synchronous mode, fixed baud rate.
-
8-bit UART mode, variable baud rate.
-
9-bit UART mode, fixed baud rate.
-
9-bit UART mode, variable baud rate.
Three 16-bit Timer/Counters. (Timer 0, 1, 2).
One watch dog timer (WDT).
ISP/IAP functions.
ISP service program space configurable in N
(N=0 to 8).
EEPROM function.
Six interrupt sources with two priority levels.
Four 8-bit I/O ports
IO PAD ESD over 4KV
Enhance user code protection.
Power management unit for IDLE and power
down modes.


Podobny numer części - SM5953

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
   Asynchronous Sample Rate Converter
SM5951A NPC-SM5951A Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
SM5951AF NPC-SM5951AF Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
logo
SyncMOS Technologies,In...
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
More results

Podobny opis - SM5953

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC6828 MOTOROLA-MC6828 Datasheet
755Kb / 8P
   PRIORITY INTERRUPT CONTROLLER
logo
Intersil Corporation
82C59A INTERSIL-82C59A_06 Datasheet
410Kb / 22P
   CMOS Priority Interrupt Controller
logo
Intel Corporation
M8214 INTEL-M8214 Datasheet
212Kb / 2P
   PRIORITY INTERRUPT CONTROL UNIT
logo
Renesas Technology Corp
82C59A RENESAS-82C59A Datasheet
604Kb / 23P
   CMOS Priority Interrupt Controller
Sep 8, 2015
logo
Intersil Corporation
82C59A INTERSIL-82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
logo
IK Semicon Co., Ltd
BT8040 IKSEMICON-BT8040 Datasheet
191Kb / 5P
   Two Sound Sources with Envelope
logo
Xilinx, Inc
DS531 XILINX-DS531 Datasheet
1Mb / 37P
   Four levels of dynamic master request priority
logo
ATMEL Corporation
ATAR092-D ATMEL-ATAR092-D_14 Datasheet
1Mb / 96P
   Up to 7 External/Internal Interrupt Sources
ATAR890-C ATMEL-ATAR890-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR092-C ATMEL-ATAR092-C_14 Datasheet
1Mb / 108P
   Up to 7 External/Internal Interrupt Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com