Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5954 Arkusz danych(PDF) 9 Page - SyncMOS Technologies,Inc

Numer części SM5954
Szczegółowy opis  256 bytes SRAM as standard 8052
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5954 Arkusz danych(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM5954 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM5954 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
SM5954
8-Bit Micro-controller
16KB with 4KB ISP Flash
& 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M093
Ver C SM5954 04/17/2014
- 9 -
Special Function Register (SFR)
A map of the Special Function Registers is shown as below:
Hex\Bin
X000
X001
X010
X011
X100
X101
X110
X111
Bin/Hex
F8
FF
F0
B
ISPFAH
ISPFAL
ISPFD
ISPC
F7
E8
EF
E0
ACC
E7
D8
P4
DF
D0
PSW
PWMC0
PWMC1
D7
C8
T2CON
T2MOD
RCAP2L
RCAP2H
TL2
TH2
CF
C0
TWSIS
TWSIA
TWSIC1
TWSIC2
TWSITXD
TWSIRXD
C7
B8
IP
IP1
SCONF
BF
B0
P3
PWDD0
PWMD1
B7
A8
IE
IE1
IFR
AF
A0
P2
A7
98
SCON
SBUF
P1CON
WDTC
9F
90
P1
97
88
TCON
TMOD
TL0
TL1
TH0
TH1
8F
80
P0
SP
DPL
DPH
RCON
DBANK
PCON
87
Hex\Bin
X000
X001
X010
X011
X100
X101
X110
X111
Bin/Hex


Podobny numer części - SM5954

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
   Asynchronous Sample Rate Converter
SM5951A NPC-SM5951A Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
SM5951AF NPC-SM5951AF Datasheet
183Kb / 24P
   8-channel DSD Editing System Signal Processor LSI
logo
SyncMOS Technologies,In...
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
More results

Podobny opis - SM5954

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM8958B SYNCMOS-SM8958B Datasheet
792Kb / 49P
   256 bytes SRAM as standard 8052
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
   256 bytes SRAM as standard 8052
logo
ATMEL Corporation
TSC83251G2D ATMEL-TSC83251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
AT87251G2D ATMEL-AT87251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
TSC80251G2D ATMEL-TSC80251G2D_14 Datasheet
1Mb / 77P
   Registers Accessible as Bytes, Words or Dwords
logo
Samtec, Inc
ASP-135029-01 SAMTEC-ASP-135029-01 Datasheet
421Kb / 2P
   STANDARD PART SETUP AS ASP NOT AVAILABLE AS STANDARD.
logo
STMicroelectronics
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
logo
Hitachi Semiconductor
HM6207H HITACHI-HM6207H Datasheet
114Kb / 11P
   256 k High Speed SRAM (256-kword x 1-bit)
logo
List of Unclassifed Man...
M0518 ETC2-M0518 Datasheet
1Mb / 72P
   36/68 Kbytes flash, 8K bytes SRAM
logo
STMicroelectronics
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com