Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW-8771C Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części FW-8771C
Szczegółowy opis  Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8771C Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  FW-8771C Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8771C Datasheet HTML 2Page - List of Unclassifed Manufacturers FW-8771C Datasheet HTML 3Page - List of Unclassifed Manufacturers FW-8771C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
connect@lannerinc.com | www.lannerinc.com
Ordering Information
FW-8771A
Rackmount x86 Network Security Platform Based on Intel® Xeon® processor E3-1200 v3
family (Haswell) + 8 GbE LAN ports with 3 pairs Gen.3 LAN Bypass, single PSU, LCM with
keypad
FW-8771C
Rackmount x86 Network Security Platform Based on Intel® Xeon® processor E3-1200 v3
family (Haswell) + 8 GbE LAN ports + 2x NIC module expansion slots with 3 pairs Gen.3 LAN
Bypass, redundant PSUs, LCM with keypad
Compatible NIC Modules
Slim Module
Ports
Chipset
Bypass
NCS2-IGM428A
4 GbE RJ45
Intel i350AM-4
2 pairs Gen3
NCS2-IGM428B
4 GbE RJ45
Intel i350AM-4
N/A
NCS2-ISM405A
4 GbE SFP Fiber
Intel I350-AM4
2 pairs
NCS2-ISM406A
4 GbE SFP Fiber
Intel I350-AM4
N/A
NCS2-ITM202A
2 10G RJ45
2 x Intel X540
N/A
NCS2-IXM204A
2 10G SFP+ Fiber
Intel 82599ES
N/A
NCS2-IXM205A
2 10G SFP+ Fiber
Intel 82599ES
1 pair
NCS2-IXM405A
4 10G SFP+ Fiber
Intel 82599ES
N/A
NCS2-IGM808A
8 GbE RJ45
Intel i210AT
4 pair Gen.3
NCS2-IGM808B
8 GbE RJ45
Intel i210AT
N/A
Optional Accessories
Part Number
Description
IAC-AST2300
IPMI Card


Podobny numer części - FW-8771C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW-8750 ETC2-FW-8750 Datasheet
293Kb / 2P
   A hybrid networking solution built for performance and security
FW-8756A ETC2-FW-8756A Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8756B ETC2-FW-8756B Datasheet
172Kb / 2P
   1U Rackmount Network Appliance With Support For Multiple Processors
FW-8758 ETC2-FW-8758 Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
FW-8758A ETC2-FW-8758A Datasheet
157Kb / 2P
   1U Intel Cost-Effective Network Platform with Intel H61 Chipset and Support for Intel Celeron Low Power Processor
More results

Podobny opis - FW-8771C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW-8759 ETC2-FW-8759 Datasheet
354Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Xeon E3-1200 v3 or Core짰 i7/i5/i3 Series processor
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
FW-7573 ETC2-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor
FW-7585 ETC2-FW-7585 Datasheet
289Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
logo
Advantech Co., Ltd.
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
logo
Lanner All Rights Reser...
FW-7571 LANNER-FW-7571 Datasheet
348Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor (Codenamed ?쏳angeley??
logo
Advantech Co., Ltd.
FWA-6500 ADVANTECH-FWA-6500 Datasheet
575Kb / 2P
   Multi-Core x86 Intel짰 Xeon짰 Processor 5500 series based 2U Network Application Platform
logo
Lanner All Rights Reser...
FW-7573 LANNER-FW-7573 Datasheet
363Kb / 4P
   Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor (Codenamed ?쏳angeley??
logo
List of Unclassifed Man...
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
   Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com