Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW-8860A Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części FW-8860A
Szczegółowy opis  1U Intel Core 2 Quad Network 1U Intel Core 2 Quad Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8860A Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-8860A Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8860A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com
www.lannerinc.com
Specifications are subject to change without notice
FW-8860
1U Intel Core 2 Quad Network
Communication Appliance
Features
Intel® Core™ Microarchitec-
ture
The FW-8860 is a high-perform-
ance network appliance built on
the Intel® 3210 chipset; it sup-
ports the next generation Intel
Core 2 Quad processors featuring
multi-core architecture, 1333MHz
system bus, 64-bit memory ad-
dressing and Intel Virtualization
technology.
Optional Cavium Encryption
Engine
The optional Cavium Nitrox
CN1620 performs at 2.5 Gbps of
full SSL record throughput and
processes high-level IPsec, IKE,
IPv6, SSL and Wireless LAN secu-
rity protocol macro commands,
significantly reducing host I/O
traffic and offload system proc-
esses to increase the total system
throughput.
Flexible Expansion
Customizable features include
PCI-E expansion and a wide
range of network module op-
tions.
Scalable Network Throughput
Increase performance and band-
width according to your
needs with Lanner’s unique
modular design. Additional
modules may include an extensive
variety of ethernet port
configurations with 10Gbps SFP
and bypass ports.
Appliance Customization
LCD Module
2 x USB
2 x Ethernet Modules
4 x Cooling Fans
Console
Dimensions: 431 x 44.4 x 276 mm
Take advantage of Lanner’s de-
sign support when it comes
to putting the final touches on
your products. Lanner’s design
team specializes in industrial
design and offers everything
from 2D/3D faceplate designs
to packaging. Mylar faceplates
can be fitted for branding, add-
ing value to your brand image.
4 x GbE RJ-45


Podobny numer części - FW-8860A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW-8865 ETC2-FW-8865 Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
FW-8865A ETC2-FW-8865A Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
FW-8865B ETC2-FW-8865B Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
FW-8865C ETC2-FW-8865C Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
FW-8865D ETC2-FW-8865D Datasheet
422Kb / 2P
   1U Intel Sandy Bridge / Ivy Bridge Network Platform with C206 Series Chipset, 2 optional Lanner NIC Modules, Redundant PSU
More results

Podobny opis - FW-8860A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AAEON Technology
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel Xeon Quad Core??Network Appliance With 10 LAN Ports
FWS-7600 AAEON-FWS-7600 Datasheet
418Kb / 2P
   1U Intel Xeon Quad Core Network Appliance With 10 LAN Ports
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core??Network Appliance
CRS-700M-4R AAEON-CRS-700M-4R_15 Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core Network Appliance
FWS-7160 AAEON-FWS-7160 Datasheet
454Kb / 2P
   1U Intel Core 2 Duo Network Appliance With 6/8 PCI-Express LAN Ports
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
logo
Advantech Co., Ltd.
FWA-3034 ADVANTECH-FWA-3034 Datasheet
955Kb / 3P
   1U Network Appliance with 12th Gen Intel® Core Processors for Network Security and Management
31-Jan-2023
logo
AAEON Technology
FWS-7800 AAEON-FWS-7800 Datasheet
475Kb / 2P
   1U Intel Xeon 3400 Series Network Appliance
logo
Advantech Co., Ltd.
AIMB-216 ADVANTECH-AIMB-216 Datasheet
732Kb / 2P
   Intel Pentium Celeron, Quad Core Dual core
logo
AAEON Technology
FSB-G41H AAEON-FSB-G41H Datasheet
309Kb / 2P
   Full-Size SBC With Intel Core 2 Duo/ Core 2 Quad LGA775 Processor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com