Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW-8894B Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części FW-8894B
Szczegółowy opis  High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

FW-8894B Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  FW-8894B Datasheet HTML 1Page - List of Unclassifed Manufacturers FW-8894B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FW-8894
High Performance 1U Rackmount Network
Security System Based on Intel Xeon E5-2600
v3 Series CPU and C612 Chipset
Preliminary Specifications
• Dual Intel® Haswell-EP E5-2600 v3
CPUs with Wellsburg PCH
• 4 NIC Module Slots up to 32 LAN
Ports
• Supports Intel® 1G/10G/40G
Network Controllers
• Up to 25 Gbps QuickAssist Crypto
Acceleration by Intel® DH8925
Processor System
CPU
2 x Intel® Xeon® processor E5-2600
v3 Series (Max. 120W) on LGA2011-R3
(Haswell-EP)
Frequency
Depending on CPU
Core Number
Depending on CPU
BIOS
AMI SPI Flash BIOS
Chipset
Intel C612 Series Chipset
Fanless
No
Memory
Technology
DDR4 2133 MHz (Registered ECC or
non-ECC)
Max. Capacity
512 GB
Socket
16 x 288-pin DIMM
Ethernet
Controller
1 x Intel i210
Speed
10/100/1000 Mbps
Interface
RJ-45, SFP or QSFP
Bypass
Depending on NIC Module
Storage
Type
SATA
Installation
1 x 3.5” or 2 x 2.5” SATA drive bays
(drive is NOT included)
Type
CFast
Installation
1 x CFast socket
I/O
Reset Button
1
Console
1 x RJ45
USB
2 x type A
IPMI
OPMA socket to support IPMI (IAC-
AST2300)
Management port
One, share with IPMI port
Expansion
PCIe
N/A
PCI
N/A
Cooling
Processor
CPU heatsink with fan duct
System
4x independent hot-swappable cooling
fans with smart fan control
Environment
Operating Temperature
0 ~ 40ºC
Storage Temperature
-20 ~ 70ºC
Relative Humidity
5~90%, non-condensing /
5~95%, non-condensing
Miscellaneous
LCD Module
Character LCM with keypad (Graphic
optional)
Watchdog
Yes
Internal RTC
with Li Battery
Yes
Mechanical
Dimension (W x H x D)
438 x 44 x 630 mm
Weight
12 kg
Mounting
Rack mount
Power
Type / Watts
1+1 ATX 650 W redundant power supply
units
Input
90~264 V@47~63Hz
Driver Support
Microsoft Windows
Windows 7, Windows 2008 Server
Linux
Linux Kernel 2.6 or above
Certification
EMC
CE Class A, FCC Class A, RoHS
Safety
N/A
• Supports DDR4 2133 MHz Memory
Up to 512 GB
• 1+1 650W ATX Redundant Power
Supply
• Optional TPM Support
• OPMA Slot for IPMI
• 4 Hot-swappable Cooling Fans with
Smart Fan Control
Features


Podobny numer części - FW-8894B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW-8892 ETC2-FW-8892 Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892A ETC2-FW-8892A Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8892B ETC2-FW-8892B Datasheet
138Kb / 2P
   Dual CPU Intel Xeon 5600/5500 Network Appliance
FW-8893 ETC2-FW-8893 Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
FW-8893A ETC2-FW-8893A Datasheet
144Kb / 2P
   1U Rack mount network security system utilizing the cutting edge capabilities of the Intel Crystal Forest platform
More results

Podobny opis - FW-8894B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FW-8896 ETC2-FW-8896 Datasheet
365Kb / 2P
   High Performance 2U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8895 ETC2-FW-8895 Datasheet
171Kb / 4P
   High Performance 2U Rackmount Network Security System based on Intel Xeon E5-2600 v1 and v2 Series CPU with C600 chipset
logo
Advantech Co., Ltd.
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
   1U Rackmount Intel Xeon E5-2600 v3 GPU server
AGS-910 ADVANTECH-AGS-910 Datasheet
879Kb / 2P
   1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
AVS-540 ADVANTECH-AVS-540_16 Datasheet
639Kb / 2P
   4U Rackmount Intel Xeon E5-2600
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
logo
Advantech Co., Ltd.
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
logo
List of Unclassifed Man...
FW-8771 ETC2-FW-8771 Datasheet
431Kb / 4P
   Rackmount x86 Network Security Platform Based on Intel짰 Xeon짰 E3-1200 v3 processor
NCA-5510 ETC2-NCA-5510 Datasheet
363Kb / 2P
   1U High Performance x86 Rackmount Network Appliance based on Intel Grantley-EP Platform (Haswell-EP CPUWellsburg PCH) and 4 NIC Module Slots
logo
Advantech Co., Ltd.
HPC-7400MB-14A1E ADVANTECH-HPC-7400MB-14A1E Datasheet
1Mb / 2P
   4U GPU Server System With Xeon E5-2600 v3 CPU, support up to 2* Tesla K40 GPU cards and 1400W RPS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com