Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1771 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części LM1771
Szczegółowy opis  LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM1771 Arkusz danych(HTML) 2 Page - Texas Instruments

  LM1771_15 Datasheet HTML 1Page - Texas Instruments LM1771_15 Datasheet HTML 2Page - Texas Instruments LM1771_15 Datasheet HTML 3Page - Texas Instruments LM1771_15 Datasheet HTML 4Page - Texas Instruments LM1771_15 Datasheet HTML 5Page - Texas Instruments LM1771_15 Datasheet HTML 6Page - Texas Instruments LM1771_15 Datasheet HTML 7Page - Texas Instruments LM1771_15 Datasheet HTML 8Page - Texas Instruments LM1771_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DAP
1
2
3
5
4
6
FB
GND
HG
LG
VIN
EN
FB
GND
VIN
EN
VIN
LG
HG
GND
1
2
3
4
5
6
7
8
LM1771
SNVS446C – JUNE 2006 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. 6-Pin WSON (3mm x 3mm)
Figure 2. 8-Pin VSSOP
Top View
Top View
See NGG0006A Package
See DGK Package
Pin Descriptions
PIN DESCRIPTIONS
Pin #
Name
Function
WSON
VSSOP
1
1
FB
Feedback Pin
2
2, 3
GND
Ground
3
4
HG
PFET Gate Drive
4
5
LG
NFET Gate Drive
5
6, 7
VIN
Input Supply
6
8
EN
Enable Pin
DAP
-
Die Attach Pad is internally connected to GND, but it cannot be used
as the primary GND connection
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM1771


Podobny numer części - LM1771_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM1771 TI1-LM1771_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Voltage Synchronous Buck Controller
More results

Podobny opis - LM1771_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771_0608 NSC-LM1771_0608 Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95873 INTERSIL-ISL95873 Datasheet
533Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Renesas Technology Corp
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Microchip Technology
MIC24053 MICROCHIP-MIC24053 Datasheet
544Kb / 32P
   No External Compensation
11/07/16
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
   No External Compensation
11/07/16
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com