Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25088 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25088
Szczegółowy opis  LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM25088 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM25088 Datasheet HTML 2Page - Texas Instruments LM25088 Datasheet HTML 3Page - Texas Instruments LM25088 Datasheet HTML 4Page - Texas Instruments LM25088 Datasheet HTML 5Page - Texas Instruments LM25088 Datasheet HTML 6Page - Texas Instruments LM25088 Datasheet HTML 7Page - Texas Instruments LM25088 Datasheet HTML 8Page - Texas Instruments LM25088 Datasheet HTML 9Page - Texas Instruments LM25088 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
LM25088, LM25088-Q1
SNVS609J – DECEMBER 2008 – REVISED JANUARY 2015
www.ti.com
7.5 Electrical Characteristics
(1) (2)
TJ = -40°C to +125°C
TJ = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN TYP(3)
MAX
VIN SUPPLY
IBIAS
VIN Operating Current
VFB = 1.3V
4.5
3.2
mA
ISTANDBY
VIN Standby Current
VEN = 1V
3.0
2.5
mA
ISHUTDOWN VIN Shutdown Current
VEN = 0V
24
14
µA
VCC REGULATOR
VVCC(Reg)
VCC Regulation
VVCC = open
7.4
8.2
7.8
V
VVCC(Reg)
VCC Regulation
VVIN = 4.5V,VVCC=open
4.3
4.5
V
VCC Sourcing Current Limit
VVCC = 0
25
30
mA
VCC Under-Voltage Lockout
Positive going VVCC
V
VVCC(UV)
3.7
4.2
4
Threshold
VCC Under-Voltage Hysteresis
200
mV
ENABLE THRESHOLDS
EN Shutdown Threshold
VEN Rising
320
480
400
mV
EN Shutdown Hysteresis
VEN Falling
100
mV
EN Standby Threshold
VEN Rising
1.1
1.3
1.2
V
EN Standby Hysteresis
VEN Falling
120
mV
EN Pull-up Current Source
VEN = 0V
5
µA
SOFT- START
SS Pull-up Current Source
VSS = 0V
8
13
11
µA
FB to SS Offset
VFB = 1.3V
150
mV
ERROR AMPLIFIER
FB Reference Voltage
Measured at FB Pin
V
VREF
1.187
1.223
1.205
FB = COMP
FB Input Bias Current
VFB = 1.2V
100
18
nA
COMP Sink/Source Current
3
mA
AOL
DC Gain
60
dB
FBW
Unity gain bandwidth
3
MHz
PWM COMPARATORS
THG(OFF)
Forced HG Off-time
185
365
280
ns
TON(MIN)
Minimum HG On-time
VVIN = 36V
55
ns
COMP to PWM comparator
mV
930
offset
OSCILLATOR (RT Pin)
LM25088-2 (Non-Dithering)
Fnom1
Nominal Oscillator Frequency
RRT =31.6 kΩ
180
220
200
kHz
Fnom2
RRT = 11.3 kΩ
430
565
500
kHz
LM25088-1 (Dithering)
Dithering Range
Minimum Dither Frequency
Fnom-
kHz
Fmin
5%
Maximum Dither Frequency
Fnom+
kHz
Fmax
5%
(1)
Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent at TJ = 25°C, and are
provided for reference purposes only.
(2)
Unless otherwise stated the following conditions apply: VVIN = 24V, VVCC= 8V, VEN = 5V RRT = 31.6 kΩ. No load on HG.
(3)
Typical specifications represent the most likely parametric norm at 25°C operation.
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM25088 LM25088-Q1


Podobny numer części - LM25088

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM25088MH-1 NSC-LM25088MH-1 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088MH-2 NSC-LM25088MH-2 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088MHX-1 NSC-LM25088MHX-1 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
More results

Podobny opis - LM25088

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5141-Q1 TI-LM5141-Q1_V01 Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com